Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R6-Auto Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 120Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 121Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 122Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 123Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 124Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 125Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 126Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 127Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 324 page
background image
16-bit timer
ST72561-Auto
124/324
Doc ID 12370 Rev 8
12.7.13
Alternate counter low register (ACLR)
Read only
Reset value: 1111 1100 (FCh)
This is an 8-bit register that contains the low part of the counter value. A write to this register
resets the counter. An access to this register after an access to CSR register does not clear
the TOF bit in the CSR register.
12.7.14
Input capture 2 high register (IC2HR)
Read only
Reset value: Undefined
This is an 8-bit read only register that contains the high part of the counter value (transferred
by the Input Capture 2 event).
12.7.15
Input capture 2 low register (IC2LR)
Read only
Reset value: Undefined
This is an 8-bit read only register that contains the low part of the counter value (transferred
by the Input Capture 2 event).
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
Table 51.
16-bit timer register map
Address
(Hex.)
Register
name
7
654
321
0
51
CR2
OC1E
OC2E
OPM
PWM
CC1
CC0
IEDG2
EXEDG
52
CR1
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
53
CSR
ICF1
OCF1
TOF
ICF2
OCF2
TIMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com