Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561AR4-Auto Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 97Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 98Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 99Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 100Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 101Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 102Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 103Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 104Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 324 page
background image
ST72561-Auto
PWM auto-reload timer (ART)
Doc ID 12370 Rev 8
101/324
PWM control register (PWMCR)
Read/write
Reset value: 0000 0000 (00h)
Bit 7:4 = OE[3:0] PWM Output Enable
These bits are set and cleared by software. They enable or disable the PWM output
channels independently acting on the corresponding I/O pin.
0: PWM output disabled.
1: PWM output enabled.
Bit 3:0 = OP[3:0] PWM Output Polarity
These bits are set and cleared by software. They independently select the polarity of the
four PWM output signals.
Note: When an OPx bit is modified, the PWMx output signal polarity is immediately
reversed.
Duty cycle registers (PWMDCRx)
Read/write
Reset value: 0000 0000 (00h)
Bit 7:0 = DC[7:0] Duty Cycle Data
These bits are set and cleared by software.
A PWMDCRx register is associated with the OCRx register of each PWM channel to
determine the second edge location of the PWM signal (the first edge location is common to
all channels and given by the ARTARR register). These PWMDCR registers allow the duty
cycle to be set independently for each PWM channel.
Input Capture control / status register (ARTICCSR)
Read/Write
Reset value: 0000 0000 (00h)
7
0
OE3
OE2
OE1
OE0
OP3
OP2
OP1
OP0
Table 45.
PWMx output level and polarity
PWMx output level
OPx
Counter <= OCRx
Counter > OCRx
10
0
01
1
7
0
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com