Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561AR4-Auto Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 31Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 32Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 33Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 34Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 35Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 36Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 37Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 38Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 324 page
background image
ST72561-Auto
Flash program memory
Doc ID 12370 Rev 8
35/324
interface on the application board (see Figure 7). For more details on the pin locations, refer
to the device pinout description.
3.6
IAP (in-application programming)
This mode uses a Bootloader program previously stored in Sector 0 by the user (in ICP
mode or by plugging the device in a programming tool).
This mode is fully controlled by user software. This allows it to be adapted to the user
application, (user-defined strategy for entering programming mode, choice of
communications protocol used to fetch the data to be stored, etc.). For example, it is
possible to download code from the SPI, SCI or other type of serial interface and program it
in the Flash. IAP mode can be used to program any of the Flash sectors except Sector 0,
which is write/erase protected to allow recovery in case errors occur during the
programming operation.
3.7
Related documentation
For details on Flash programming and ICC protocol, refer to the ST7 Flash programming
reference manual and to the ST7 ICC protocol reference manual.
3.8
Register description
Flash Control/Status Register (FCSR)
Read/ write
Reset value: 0000 0000 (00h)
This register is reserved for use by Programming Tool software. It controls the Flash
programming and erasing operations.
7
0
00
00
00
0
0
Table 6.
Flash control/status register address and reset value
Address (Hex.)
Register label
7
6543210
0024h
FCSR
Reset value
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com