Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F10XX8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F10XX8
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F10XX8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F10XX8 Datasheet HTML 33Page - STMicroelectronics STM32F10XX8 Datasheet HTML 34Page - STMicroelectronics STM32F10XX8 Datasheet HTML 35Page - STMicroelectronics STM32F10XX8 Datasheet HTML 36Page - STMicroelectronics STM32F10XX8 Datasheet HTML 37Page - STMicroelectronics STM32F10XX8 Datasheet HTML 38Page - STMicroelectronics STM32F10XX8 Datasheet HTML 39Page - STMicroelectronics STM32F10XX8 Datasheet HTML 40Page - STMicroelectronics STM32F10XX8 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID14574 Rev 13
39/41
STM32F10xx8 STM32F10xxB
Revision history
11-Jan-2010
7
Added limitations:
– Section 2.8.9: USARTx_TX pin usage
– Section 2.13.4: Wrong behavior of I2C peripheral in master mode
after a misplaced Stop
– Section 2.13.5: Mismatch on the “Setup time for a repeated Start
condition” timing parameter
– Section 2.13.6: Data valid time (tVD;DAT) violated without the OVR
flag being set
– Section 2.14.1: CRC still sensitive to communication clock when
SPI is in slave mode even with NSS high
– Section 2.19: USB packet buffer memory: over/underrun or
COUNTn_RX[9:0] field reporting incorrect number if APB1
frequency is below 13 MHz
Date code added to Figure 2 to Figure 6.
21-Jun-2010
8
Added Section 2.4: Debugging Stop mode and system tick timer
Added Section 2.5: Debugging Stop mode with WFE entry
Added Section 2.13.2: Wrong data read into data register
Updated Section 2.13.4: Wrong behavior of I2C peripheral in master
mode after a misplaced Stop
Added Section 2.15: USART peripheral
Updated Section 2.13.6: Data valid time (tVD;DAT) violated without
the OVR flag being set
22-Feb-2011
9
Updated workarounds in Section 2.13.1: Some software events must
be managed before the current byte is being transferred and
Section 2.13.2: Wrong data read into data register
Added section Section 2.15.6: nRTS signal abnormally driven low
after a protocol violation
17-Jun-2011
10
Added reference to revision code 1 in Table 1
Added Section 1.1.5: Interrupted loads to SP can cause erroneous
behavior
Section 1.1.6: SVC and BusFault/MemManage may occur out of
order
Added VFQFPN48 package to Figure 6
15-Nov-2011
11
Added reference to revision code 1 in Section 2.10: Compatibility
issue with latest compiler releases
Added Section 2.17: IWDG peripheral
Updated Section 2.15.6: nRTS signal abnormally driven low after a
protocol violation
Table 5. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com