Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F102xx Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 5Page - STMicroelectronics STM32F102xx Datasheet HTML 6Page - STMicroelectronics STM32F102xx Datasheet HTML 7Page - STMicroelectronics STM32F102xx Datasheet HTML 8Page - STMicroelectronics STM32F102xx Datasheet HTML 9Page - STMicroelectronics STM32F102xx Datasheet HTML 10Page - STMicroelectronics STM32F102xx Datasheet HTML 11Page - STMicroelectronics STM32F102xx Datasheet HTML 12Page - STMicroelectronics STM32F102xx Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID14574 Rev 13
9/41
STM32F10xx8 STM32F10xxB
ARM® 32-bit Cortex®-M3 limitations
Workaround
If the DFSR register does not have any bit set when the debug monitor is entered, this
means that we must be in this “corner case” and so, that a BKPT instruction was executed
in debug monitor mode.
1.1.4
Cortex-M3 may freeze for SLEEPONEXIT single instruction ISR
Description
If the Cortex-M3 SLEEPONEXIT functionality is used and the concerned interrupt service
routine (ISR) contains only a single instruction, the core becomes frozen. This freezing may
occur if only one interrupt is active and it is preempted by an interrupt whose handler only
contains a single instruction.
However, any new interrupt that causes a preemption would cause the core to become
unfrozen and behave correctly again.
Workaround
This scenario does not happen in real application systems since all enabled ISRs should at
least contain one instruction. Therefore, if an empty ISR is used, then insert an NOP or any
other instruction before the exit instruction (BX or BLX).
1.1.5
Interrupted loads to SP can cause erroneous behavior
Description
If an interrupt occurs during the data-phase of a single word load to the stack-pointer
(SP/R13), erroneous behavior can occur. In all cases, returning from the interrupt will result
in the load instruction being executed an additional time. For all instructions performing an
update to the base register, the base register will be erroneously updated on each
execution, resulting in the stack-pointer being loaded from an incorrect memory location.
The affected instructions are:
1.
LDR SP,[Rn],#imm
2.
LDR SP,[Rn,#imm]!
3.
LDR SP,[Rn,#imm]
4.
LDR SP,[Rn]
5.
LDR SP,[Rn,Rm]
Workaround
As of today, there is no compiler generating these particular instructions. This limitation can
only occur with hand-written assembly code.
Both issues may be worked around by replacing the direct load to the stack-pointer, with an
intermediate load to a general-purpose register followed by a move to the stack-pointer.
Example: the following instruction "LDR SP, [R0]" can be replaced by
“LDR R2,[R0]
MOV SP,R2 "



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com