Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F038X6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F038X6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038X6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F038X6 Datasheet HTML 5Page - STMicroelectronics STM32F038X6 Datasheet HTML 6Page - STMicroelectronics STM32F038X6 Datasheet HTML 7Page - STMicroelectronics STM32F038X6 Datasheet HTML 8Page - STMicroelectronics STM32F038X6 Datasheet HTML 9Page - STMicroelectronics STM32F038X6 Datasheet HTML 10Page - STMicroelectronics STM32F038X6 Datasheet HTML 11Page - STMicroelectronics STM32F038X6 Datasheet HTML 12Page - STMicroelectronics STM32F038X6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
DocID026079 Rev 5
9/102
STM32F038x6
Description
22
2
Description
The STM32F038x6 microcontrollers incorporate the high-performance ARM® Cortex®-M0
32-bit RISC core operating at up to 48 MHz frequency, high-speed embedded memories
(32 Kbytes of Flash memory and 4 Kbytes of SRAM), and an extensive range of enhanced
peripherals and I/Os. All devices offer standard communication interfaces (one I2C, one
SPI/ I2S and one USART), one 12-bit ADC, five 16-bit timers, one 32-bit timer and an
advanced-control PWM timer.
The STM32F038x6 microcontrollers operate in the -40 to +85 °C and -40 to +105 °C
temperature ranges at a 1.8 V ± 8% power supply. A comprehensive set of power-saving
modes allows the design of low-power applications.
The STM32F038x6 microcontrollers include devices in five different packages ranging from
20 pins to 48 pins with a die form also available upon request. Depending on the device
chosen, different sets of peripherals are included.
These features make the STM32F038x6 microcontrollers suitable for a wide range of
applications such as application control and user interfaces, hand-held equipment, A/V
receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications,
PLCs, inverters, printers, scanners, alarm systems, video intercoms and HVACs.
Table 2. STM32F038x6 family device features and peripheral counts
Peripheral
STM32F038Fx STM32F038Ex STM32F038Gx
STM32F038Kx
STM32F038Cx
Flash memory (Kbyte)
32
SRAM (Kbyte)
4
Timers
Advanced
control
1 (16-bit)
General
purpose
4 (16-bit)
1 (32-bit)
Comm.
interfaces
SPI [I2S](1)
1 [1]
I2C1
USART
1
12-bit ADC
(number of channels)
1
(8 ext. + 3 int.)
1
(9 ext. + 3 int.)
1
(10 ext. + 3 int.)
GPIOs
14
19
22
26
38
Max. CPU frequency
48 MHz
Operating voltage
VDD = 1.8 V ± 8%, VDDA = from VDD to 3.6 V
Operating temperature
Ambient operating temperature: -40°C to 85°C / -40°C to 105°C
Junction temperature: -40°C to 105°C / -40°C to 125°C
Packages
TSSOP20
WLCSP25
UFQFPN28
UFQFPN32
LQFP48
1. The SPI interface can be used either in SPI mode or in I2S audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com