Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042X4 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F042X4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042X4 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F042X4 Datasheet HTML 109Page - STMicroelectronics STM32F042X4 Datasheet HTML 110Page - STMicroelectronics STM32F042X4 Datasheet HTML 111Page - STMicroelectronics STM32F042X4 Datasheet HTML 112Page - STMicroelectronics STM32F042X4 Datasheet HTML 113Page - STMicroelectronics STM32F042X4 Datasheet HTML 114Page - STMicroelectronics STM32F042X4 Datasheet HTML 115Page - STMicroelectronics STM32F042X4 Datasheet HTML 116Page - STMicroelectronics STM32F042X4 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
DocID025832 Rev 5
115/117
STM32F042x4 STM32F042x6
Revision history
116
26-Oct-2015
3
– Table 9: STM32F042x4/x6 I2C implementation - adding 20 mA
Updates in Section 4: Pinouts and pin descriptions
– Table 12: Legend/abbreviations used in the pinout table - removing
“I” pin type
Updates in Section 5: Memory mapping:
– Figure 10: STM32F042x6 memory map, x4 difference described in
text
Updates in Section 6: Electrical characteristics:
– the condition “Regulator in run mode, all oscillators OFF” in Table 28:
Typical and maximum consumption in Stop and Standby modes
,
– footnote for VIN max value in Table 18: Voltage characteristics,
– footnote for max VIN in Table 21: General operating conditions,
–tSTART parameter definition in Table 25: Embedded internal
reference voltage
– addition of tSTART parameter in Table 25: Embedded internal
reference voltage,
removal of -40°C to 85°C condition and the
associated footnote
– Table 26: Typical and maximum current consumption from VDD
supply at VDD = 3.6 V:
removing “code executing from Flash or
RAM”
– removal of the min value for tSTART parameter in Table 57: TS
characteristics
– the typical value for R parameter in Table 58: VBAT monitoring
characteristics
– removal of ResTM parameter line from Table 59: TIMx characteristics
and putting all values in new Typ column, substitution of tCOUNTER
with tMAX_COUNT, values defined as powers of two
–VESD(CDM) class in Table 47: ESD absolute maximum ratings
– reorganization of Table 64: I2S characteristics and filling max value
of tv(SD_ST)
– adding definition of levels in Figure 32: I2S master timing diagram
(Philips protocol)
Updates in Section 7: Package information
:
– heading and display of columns in Table 68: WLCSP36 package
mechanical data
.,
– Figure 38: UFQFPN48 package marking example
– Figure 41: WLCSP36 package marking example
– Figure 50: UFQFPN28 package marking example
– Figure 41: WLCSP36 package marking example
– Figure 51: TSSOP20 package outline - correcting GAGE to GAUGE
– removing “die 445” from Table 74: Package thermal characteristics
Updates in Section 8: Part numbering:
– adding tray packing to options
Table 76. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com