Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042X4 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F042X4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042X4 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F042X4 Datasheet HTML 47Page - STMicroelectronics STM32F042X4 Datasheet HTML 48Page - STMicroelectronics STM32F042X4 Datasheet HTML 49Page - STMicroelectronics STM32F042X4 Datasheet HTML 50Page - STMicroelectronics STM32F042X4 Datasheet HTML 51Page - STMicroelectronics STM32F042X4 Datasheet HTML 52Page - STMicroelectronics STM32F042X4 Datasheet HTML 53Page - STMicroelectronics STM32F042X4 Datasheet HTML 54Page - STMicroelectronics STM32F042X4 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 117 page
background image
DocID025832 Rev 5
51/117
STM32F042x4 STM32F042x6
Electrical characteristics
89
IDD
HSI48
48 MHz
19.3
21.9
22.1
23.7
11.9
13.4
13.6
13.7
mA
HSE bypass,
PLL on
48 MHz
19.2
21.8(3)
22.0
22.1(3)
11.7 13.3(3)
13.5
13.7(3)
32 MHz
13.4
15.8
15.9
16.0
7.9
8.8
8.9
9.7
24 MHz
10.3
12.6
13.0
13.4
6.2
8.0
8.2
8.3
HSE bypass,
PLL off
8 MHz
3.6
4.1
4.3
4.4
2.0
2.1
2.1
2.5
1 MHz
0.8
0.9
0.9
1.1
0.4
0.5
0.6
0.8
HSI clock,
PLL on
48 MHz
19.5
22.0
22.1
22.5
11.8
13.6
13.8
13.9
32 MHz
13.5
16.3
16.4
16.6
8.0
8.8
9.1
9.9
24 MHz
10.5
12.8
13.0
13.8
6.5
8.0
8.1
8.4
HSI clock,
PLL off
8 MHz
3.7
4.7
5.0
5.3
2.1
2.3
2.4
3.0
HSI48
48 MHz
12.4
15.1
16.3
16.7
3.0
3.2
3.3
3.4
HSE bypass,
PLL on
48 MHz
12.3
15.0(3)
16.0
16.2(3)
2.9
3.2(3)
3.3
3.4(3)
32 MHz
8.5
10.6
11.2
11.7
1.9
2.1
2.2
2.5
24 MHz
6.5
8.1
8.5
8.7
1.6
1.8
1.8
1.9
HSE bypass,
PLL off
8 MHz
2.3
3.0
3.1
3.2
0.7
0.8
0.8
0.9
1 MHz
0.4
0.4
0.4
0.6
0.1
0.3
0.3
0.4
HSI clock,
PLL on
48 MHz
12.4
15.3
15.7
15.9
3.0
3.0
3.2
3.4
32 MHz
8.6
10.7
11.3
11.6
2.1
2.2
2.2
2.5
24 MHz
6.6
8.4
8.7
8.9
1.6
1.6
1.7
1.9
HSI clock,
PLL off
8 MHz
2.4
3.2
3.4
3.6
0.6
0.8
0.9
1.0
1. USB is kept disabled as this IP functions only with a 48 MHz clock.
2. Data based on characterization results, not tested in production unless otherwise specified.
3. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).
Table 26. Typical and maximum current consumption from VDD supply at VDD = 3.6 V (continued)
Conditions
fHCLK
All peripherals enabled(1)
All peripherals disabled
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com