Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F048T6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F048T6
Description  CRC calculation unit
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F048T6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F048T6 Datasheet HTML 15Page - STMicroelectronics STM32F048T6 Datasheet HTML 16Page - STMicroelectronics STM32F048T6 Datasheet HTML 17Page - STMicroelectronics STM32F048T6 Datasheet HTML 18Page - STMicroelectronics STM32F048T6 Datasheet HTML 19Page - STMicroelectronics STM32F048T6 Datasheet HTML 20Page - STMicroelectronics STM32F048T6 Datasheet HTML 21Page - STMicroelectronics STM32F048T6 Datasheet HTML 22Page - STMicroelectronics STM32F048T6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
DocID026007 Rev 6
19/98
STM32F048C6 STM32F048G6 STM32F048T6
Functional overview
25
3.12
Timers and watchdogs
The STM32F048x6 devices include up to five general-purpose timers and an advanced
control timer.
Table 6
compares the features of the different timers.
3.12.1
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six
channels. It has complementary PWM outputs with programmable inserted dead times. It
Table 5. No. of capacitive sensing channels available on STM32F048x6 devices
Analog I/O group
Number of capacitive sensing channels
STM32F048C6
UQFPN48
STM32F048T6
WLCSP36
STM32F048G6
UQFPN28
G1
3
3
3
G2
3
3
3
G3
1
1
0
G4
3
3
1
G5
3
3
3
Number of capacitive sensing
channels
13
13
10
Table 6. Timer feature comparison
Timer
type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
Advanced
control
TIM1
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
3
General
purpose
TIM2
32-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM3
16-bit
Up, down,
up/down
integer from
1 to 65536
Yes
4
-
TIM14
16-bit
Up
integer from
1 to 65536
No
1
-
TIM16
TIM17
16-bit
Up
integer from
1 to 65536
Yes
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com