Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F042K6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F042K6
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042K6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F042K6 Datasheet HTML 48Page - STMicroelectronics STM32F042K6 Datasheet HTML 49Page - STMicroelectronics STM32F042K6 Datasheet HTML 50Page - STMicroelectronics STM32F042K6 Datasheet HTML 51Page - STMicroelectronics STM32F042K6 Datasheet HTML 52Page - STMicroelectronics STM32F042K6 Datasheet HTML 53Page - STMicroelectronics STM32F042K6 Datasheet HTML 54Page - STMicroelectronics STM32F042K6 Datasheet HTML 55Page - STMicroelectronics STM32F042K6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 117 page
background image
Electrical characteristics
STM32F042x4 STM32F042x6
52/117
DocID025832 Rev 5
Table 27. Typical and maximum current consumption from the VDDA supply
Symbol
Para-
meter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from
Flash
memory
or RAM
HSI48
48 MHz
309
325
332
342
317
334
338
344
µA
HSE
bypass,
PLL on
48 MHz
148
167(3)
176
179(3)
161
181(3)
193
197(3)
32 MHz
102
119
124
126
111
128
135
137
24 MHz
80
95
99
100
88
102
106
108
HSE
bypass,
PLL off
8 MHz
2.7
3.7
4.2
4.5
3.5
4.7
5.2
5.5
1 MHz
2.7
3.7
4.2
4.2
3.6
4.7
5.2
5.5
HSI clock,
PLL on
48 MHz
220
242
251
254
242
264
275
279
32 MHz
173
193
200
202
191
211
219
221
24 MHz
151
169
175
177
167
184
191
193
HSI clock,
PLL off
8 MHz
72
82
85
85
82
92
95
95
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.
3. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com