Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F070F6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F070F6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070F6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F070F6 Datasheet HTML 18Page - STMicroelectronics STM32F070F6 Datasheet HTML 19Page - STMicroelectronics STM32F070F6 Datasheet HTML 20Page - STMicroelectronics STM32F070F6 Datasheet HTML 21Page - STMicroelectronics STM32F070F6 Datasheet HTML 22Page - STMicroelectronics STM32F070F6 Datasheet HTML 23Page - STMicroelectronics STM32F070F6 Datasheet HTML 24Page - STMicroelectronics STM32F070F6 Datasheet HTML 25Page - STMicroelectronics STM32F070F6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Functional overview
STM32F070CB/RB/C6/F6
22/83
DocID027114 Rev 3
Table 7 gives an overview of features as implemented on the available USART interfaces.
All USART interfaces can be served by the DMA controller.
3.15
Serial peripheral interface (SPI)
Up to two SPIs are able to communicate up to 18 Mbit/s in slave and master modes in full-
duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
SPI1 and SPI2 are identical and implement the set of features shown in the following table.
Table 7. STM32F70x0 USART implementation(1)
1. X = supported.
USART modes/
features
STM32F070x6
STM32F070xB
USART1
USART2
USART1
USART2
USART3
USART4
Hardware flow control for modem
XXXXX
Continuous communication using
DMA
XXXX
-
Multiprocessor communication
XXXXX
Synchronous mode
XXXXX
Smartcard mode
-----
Single-wire Half-duplex
communication
XXXXX
IrDA SIR ENDEC block
-----
LIN mode
-----
Dual clock domain and wakeup
from Stop mode
-----
Receiver timeout interrupt
X-X-
-
Modbus communication
-----
Auto baud rate detection
(supported modes)
4-4-
-
Driver Enable
XXXXX
USART data length
7, 8 and 9 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com