Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072C8 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F072C8
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072C8 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F072C8 Datasheet HTML 119Page - STMicroelectronics STM32F072C8 Datasheet HTML 120Page - STMicroelectronics STM32F072C8 Datasheet HTML 121Page - STMicroelectronics STM32F072C8 Datasheet HTML 122Page - STMicroelectronics STM32F072C8 Datasheet HTML 123Page - STMicroelectronics STM32F072C8 Datasheet HTML 124Page - STMicroelectronics STM32F072C8 Datasheet HTML 125Page - STMicroelectronics STM32F072C8 Datasheet HTML 126Page - STMicroelectronics STM32F072C8 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 128 page
background image
DocID025004 Rev 5
123/128
STM32F072x8 STM32F072xB
Package information
124
Using the values obtained in Table 80 TJmax is calculated as follows:
–
For LQFP64, 45 °C/W
TJmax = 100 °C + (45 °C/W × 134 mW) = 100 °C + 6.03 °C = 106.03 °C
This is above the range of the suffix 6 version parts (–40 < TJ < 105 °C).
In this case, parts must be ordered at least with the temperature range suffix 7 (see
Section 8: Ordering information
) unless we reduce the power dissipation in order to be able
to use suffix 6 parts.
Refer to Figure 55 to select the required temperature range (suffix 6 or 7) according to your
temperature or power requirements.
Figure 55. LQFP64 PD max versus TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com