Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072C8 Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32F072C8
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072C8 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32F072C8 Datasheet HTML 120Page - STMicroelectronics STM32F072C8 Datasheet HTML 121Page - STMicroelectronics STM32F072C8 Datasheet HTML 122Page - STMicroelectronics STM32F072C8 Datasheet HTML 123Page - STMicroelectronics STM32F072C8 Datasheet HTML 124Page - STMicroelectronics STM32F072C8 Datasheet HTML 125Page - STMicroelectronics STM32F072C8 Datasheet HTML 126Page - STMicroelectronics STM32F072C8 Datasheet HTML 127Page - STMicroelectronics STM32F072C8 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Revision history
STM32F072x8 STM32F072xB
126/128
DocID025004 Rev 5
18-Sep-2015
3 (continued)
–Table 42: HSI14 oscillator characteristics: changed the min
value for ACCHSI14
–Table 46: Flash memory characteristics:
removed Vprog
– Table 49: EMI characteristics updated
– Table 50: ESD absolute maximum ratings updated
–Table 57: ADC characteristics
- updated some parameter
values, test conditions and added footnotes (3) and (4)
– Table 60: DAC characteristics - IDDA max value (DAC DC
current consumption) updated
–Table 61: Comparator characteristics: changed the
description and values for tS_SC parameter
–Table 62: TS characteristics: changed the min value for
tS-temp
–Table 63: VBAT monitoring characteristics: changed the
typical value for R parameter
–Table 69: I2S characteristics: updated the min value for data
input hold time (master and slave receiver)
Section 7: Package information:
– information generally updated, UFBGA64 added
Section 8: Part numbering:
UFBGA64 added
17-Dec-2015
4
Section 2: Description:
– Figure 1: Block diagram updated
Section 3: Functional overview:
– Figure 2: Clock tree updated
Section 4: Pinouts and pin descriptions
– Package pinout figures updated (look and feel)
– Figure 9: WLCSP49 package pinout - now presented in
top view
Section 5: Memory mapping:
–
added information on STM32F072x8 difference versus
STM32F072xB map in Figure 10
– Table 28: Embedded internal reference voltage
: removed
-40°-to-85° condition for VREFINT and associated note
Section 6: Electrical characteristics
:
– Table 61: Comparator characteristics - min value for VDDA
replaced with VDD
– Figure 29: Maximum V
REFINT scaler startup time from
power down
added
– Table 53: I/O static characteristics - note removed
– Table 69: I2S characteristics: table reorganized
Section 8: Ordering information:
– added tray packing to options
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com