Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072R8 Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32F072R8
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072R8 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32F072R8 Datasheet HTML 120Page - STMicroelectronics STM32F072R8 Datasheet HTML 121Page - STMicroelectronics STM32F072R8 Datasheet HTML 122Page - STMicroelectronics STM32F072R8 Datasheet HTML 123Page - STMicroelectronics STM32F072R8 Datasheet HTML 124Page - STMicroelectronics STM32F072R8 Datasheet HTML 125Page - STMicroelectronics STM32F072R8 Datasheet HTML 126Page - STMicroelectronics STM32F072R8 Datasheet HTML 127Page - STMicroelectronics STM32F072R8 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
Ordering information
STM32F072x8 STM32F072xB
124/128
DocID025004 Rev 5
8
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, please contact your nearest ST sales office.
Table 81. Ordering information scheme
Example
:
STM32
F
072
R
8
T
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
F = General-purpose
Sub-family
072 = STM32F072xx
Pin count
C = 48/49 pins
R = 64 pins
V = 100 pins
User code memory size
8 = 64 Kbyte
B = 128 Kbyte
Package
H = UFBGA
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = –40 to 85 °C
7 = –40 to 105 °C
Options
xxx = code ID of programmed parts (includes packing type)
TR = tape and reel packing
blank = tray packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com