Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072R8 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F072R8
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072R8 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F072R8 Datasheet HTML 120Page - STMicroelectronics STM32F072R8 Datasheet HTML 121Page - STMicroelectronics STM32F072R8 Datasheet HTML 122Page - STMicroelectronics STM32F072R8 Datasheet HTML 123Page - STMicroelectronics STM32F072R8 Datasheet HTML 124Page - STMicroelectronics STM32F072R8 Datasheet HTML 125Page - STMicroelectronics STM32F072R8 Datasheet HTML 126Page - STMicroelectronics STM32F072R8 Datasheet HTML 127Page - STMicroelectronics STM32F072R8 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 128 page
background image
DocID025004 Rev 5
125/128
STM32F072x8 STM32F072xB
Revision history
127
9
Revision history
Table 82. Document revision history
Date
Revision
Changes
13-Jan-2014
1
Initial release.
21-Feb-2014
2
Updated “Reset and power management“ data in Features.
Updated tS_vrefint in Table: Embedded internal reference
voltage.
Updated VHSEH and VHSEL in Table: High-speed external user
clock characteristics.
Updated VLSEH and VLSEL in Table: Low-speed external user
clock characteristics.
Updated tS_temp in Table: TS characteristics.
Updated tS_vbat in Table: VBAT monitoring characteristics.
Updated Section: I2C interface characteristics.
Updated Figure: UFBGA100 package top view and Figure:
WLCSP49 package top view
.
Modified value of ts_sc and removed row VBG in Table:
Comparator characteristics.
18-Sep-2015
3
Section 2: Description:
– Figure 1: Block diagram - AF number corrected
– UFBGA64 package added
Section 3: Functional overview:
– Table 7: Timer feature comparison - added number of
complementary outputs for TIM1, 15, 16 and TIM17
Section 4: Pinouts and pin descriptions:
UFBGA64 added
Section 5: Memory mapping:
– Figure 10: STM32F072xB memory map updated
Section 6: Electrical characteristics:
–Table 21: Voltage characteristics and Table 22: Current
characteristics updated
–Table 24: General operating conditions - footnote for VIN
–Table 28: Embedded internal reference voltage - tSTART
parameter added
–Table 31: Typical and maximum consumption in Stop and
Standby modes updated
– Merger of tables 33 and 34 into Table 33: Typical current
consumption, code executing from Flash memory, running
from HSE 8 MHz crystal
–Table 37: High-speed external user clock characteristics:
replaced VDD with VDDIOX
–Table 38: Low-speed external user clock characteristics
and Table 40: LSE oscillator characteristics (fLSE = 32.768
kHz): replaced VDD with VDDIOX
–Table 41: HSI oscillator characteristics and Figure 19: HSI
oscillator accuracy characterization results for soldered
parts
updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com