Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F098VC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F098VC
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F098VC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F098VC Datasheet HTML 61Page - STMicroelectronics STM32F098VC Datasheet HTML 62Page - STMicroelectronics STM32F098VC Datasheet HTML 63Page - STMicroelectronics STM32F098VC Datasheet HTML 64Page - STMicroelectronics STM32F098VC Datasheet HTML 65Page - STMicroelectronics STM32F098VC Datasheet HTML 66Page - STMicroelectronics STM32F098VC Datasheet HTML 67Page - STMicroelectronics STM32F098VC Datasheet HTML 68Page - STMicroelectronics STM32F098VC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
DocID026967 Rev 4
65/128
STM32F098CC STM32F098RC STM32F098VC
Electrical characteristics
99
APB
APB-Bridge(2)
3.6
µA/MHz
ADC(3)
4.3
CAN
12.4
CEC
0.4
CRS
0.0
DAC(3)
4.2
DBG (MCU Debug Support)
0.2
I2C1
2.9
I2C2
2.4
PWR
0.6
SPI1
8.8
SPI2
7.8
SYSCFG and COMP
1.9
TIM1
15.2
TIM14
2.6
TIM15
8.7
TIM16
5.8
TIM17
7.0
TIM2
16.2
TIM3
11.9
TIM6
11.8
TIM7
2.5
USART1
17.6
USART2
16.3
USART3
16.2
USART4
4.7
USART5
4.4
USART6
5.5
USART7
5.2
USART8
5.1
WWDG
1.1
All APB peripherals
207.2
1. The BusMatrix is automatically active when at least one master is ON (CPU, DMA).
2. The APB Bridge is automatically active when at least one peripheral is ON on the Bus.
3. The power consumption of the analog part (IDDA) of peripherals such as ADC, DAC, comparators, is not
included. Refer to the tables of characteristics in the subsequent sections.
Table 32. Peripheral current consumption (continued)
Peripheral
Typical consumption at 25 °C
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com