Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072RB Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F072RB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072RB Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F072RB Datasheet HTML 53Page - STMicroelectronics STM32F072RB Datasheet HTML 54Page - STMicroelectronics STM32F072RB Datasheet HTML 55Page - STMicroelectronics STM32F072RB Datasheet HTML 56Page - STMicroelectronics STM32F072RB Datasheet HTML 57Page - STMicroelectronics STM32F072RB Datasheet HTML 58Page - STMicroelectronics STM32F072RB Datasheet HTML 59Page - STMicroelectronics STM32F072RB Datasheet HTML 60Page - STMicroelectronics STM32F072RB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
DocID025004 Rev 5
57/128
STM32F072x8 STM32F072xB
Electrical characteristics
99
IDD
HSI48
48 MHz
23.1
25.4
25.8
26.6
12.8
13.5
13.7
13.9
mA
HSE bypass,
PLL on
48 MHz
23.0
25.3(3)
25.7
26.5(3)
12.6 13.3(3)
13.5
13.8(3)
32 MHz
15.4
17.3
17.8
18.3
7.96
8.92
9.17
9.73
24 MHz
11.4
12.9
13.5
13.7
6.48
8.04
8.23
8.41
HSE bypass,
PLL off
8 MHz
4.21
4.6
4.89
5.25
2.07
2.3
2.35
2.94
1 MHz
0.78
0.9
0.92
1.15
0.36
0.48
0.59
0.82
HSI clock,
PLL on
48 MHz
23.1
24.5
25.0
25.2
12.6
13.7
13.9
14.0
32 MHz
15.4
17.4
17.7
18.2
8.05
8.85
9.16
9.94
24 MHz
11.5
13.0
13.6
13.9
6.49
8.06
8.21
8.47
HSI clock,
PLL off
8 MHz
4.34
4.75
5.03
5.41
2.11
2.36
2.38
2.98
HSI48
48 MHz
15.1
16.6
16.8
17.5
3.08
3.43
3.56
3.61
HSE bypass,
PLL on
48 MHz
15.0
16.5(3)
16.7
17.3(3)
2.93 3.28(3)
3.41
3.46(3)
32 MHz
9.9
11.4
11.6
11.9
2.0
2.24
2.32
2.49
24 MHz
7.43
8.17
8.71
8.82
1.63
1.82
1.88
1.9
HSE bypass,
PLL off
8 MHz
2.83
3.09
3.26
3.66
0.76
0.88
0.91
0.93
1 MHz
0.42
0.54
0.55
0.67
0.28
0.39
0.41
0.43
HSI clock,
PLL on
48 MHz
15.0
17.2
17.3
17.9
3.04
3.37
3.41
3.46
32 MHz
9.93
11.3
11.6
11.7
2.11
2.35
2.44
2.65
24 MHz
7.53
8.45
8.87
8.95
1.64
1.83
1.9
1.93
HSI clock,
PLL off
8 MHz
2.95
3.24
3.41
3.8
0.8
0.92
0.94
0.97
1. USB is kept disabled as this IP functions only with a 48 MHz clock.
2. Data based on characterization results, not tested in production unless otherwise specified.
3. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6 V (continued)
Conditions
fHCLK
All peripherals enabled(1)
All peripherals disabled
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com