Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F072VB Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32F072VB
Description  Reset and power management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072VB Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32F072VB Datasheet HTML 52Page - STMicroelectronics STM32F072VB Datasheet HTML 53Page - STMicroelectronics STM32F072VB Datasheet HTML 54Page - STMicroelectronics STM32F072VB Datasheet HTML 55Page - STMicroelectronics STM32F072VB Datasheet HTML 56Page - STMicroelectronics STM32F072VB Datasheet HTML 57Page - STMicroelectronics STM32F072VB Datasheet HTML 58Page - STMicroelectronics STM32F072VB Datasheet HTML 59Page - STMicroelectronics STM32F072VB Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
Electrical characteristics
STM32F072x8 STM32F072xB
56/128
DocID025004 Rev 5
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency:
–
0 wait state and Prefetch OFF from 0 to 24 MHz
–
1 wait state and Prefetch ON above 24 MHz
•
When the peripherals are enabled fPCLK = fHCLK
The parameters given in Table 29 to Table 31 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 24: General
operating conditions
.
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6 V
Conditions
fHCLK
All peripherals enabled(1)
All peripherals disabled
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
HSI48
48 MHz
24.3
26.9
27.2
27.9
13.1
14.8
14.9
15.5
mA
HSE bypass,
PLL on
48 MHz
24.1
26.8
27.0
27.7
13.0
14.6
14.8
15.4
32 MHz
16.0
18.3
18.6
19.2
8.76
9.56
9.73
10.6
24 MHz
12.3
13.7
14.3
14.7
7.36
7.94
8.37
8.81
HSE bypass,
PLL off
8 MHz
4.52
5.25
5.28
5.61
2.89
3.17
3.26
3.34
1 MHz
1.25
1.39
1.58
1.87
0.93
1.06
1.15
1.34
HSI clock,
PLL on
48 MHz
24.1
27.1
27.6
27.8
12.9
14.7
14.9
15.5
32 MHz
16.1
18.2
18.9
19.3
8.82
9.69
9.83
10.7
24 MHz
12.4
14.0
14.4
14.8
7.31
7.92
8.34
8.75
HSI clock,
PLL off
8 MHz
4.52
5.25
5.35
5.61
2.87
3.16
3.25
3.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com