Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378RC Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F378RC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378RC Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F378RC Datasheet HTML 84Page - STMicroelectronics STM32F378RC Datasheet HTML 85Page - STMicroelectronics STM32F378RC Datasheet HTML 86Page - STMicroelectronics STM32F378RC Datasheet HTML 87Page - STMicroelectronics STM32F378RC Datasheet HTML 88Page - STMicroelectronics STM32F378RC Datasheet HTML 89Page - STMicroelectronics STM32F378RC Datasheet HTML 90Page - STMicroelectronics STM32F378RC Datasheet HTML 91Page - STMicroelectronics STM32F378RC Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 131 page
background image
Electrical characteristics
STM32F378xx
88/131
DocID025608 Rev 4
Figure 21. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 53. Otherwise the reset will not be taken into account by the device.
NPOR pin characteristics
The NPOR pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor to the VDDA, RPU (see Table 50).
Unless otherwise specified, the parameters given in Table 54 are derived from tests
performed under ambient temperature and VDDA supply voltage conditions summarized in
Table 22.
Table 54. NPOR pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NPOR)(1)
1. Guaranteed by design.
NPOR Input low level voltage
-
-
-
0.475VDDA
- 0.2
V
VIH(NPOR)(1) NPOR Input high level voltage
-
0.5VDDA
+ 0.2
--
Vhys(NPOR)(1)
NPOR Schmitt trigger voltage
hysteresis
--
100
-
mV
RPU
Weak pull-up equivalent resistor(2)
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to
the series resistance is minimal (~10% order).
VIN = VSS
25
40
55
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com