Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383RC Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F383RC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383RC Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F383RC Datasheet HTML 57Page - STMicroelectronics STM32F383RC Datasheet HTML 58Page - STMicroelectronics STM32F383RC Datasheet HTML 59Page - STMicroelectronics STM32F383RC Datasheet HTML 60Page - STMicroelectronics STM32F383RC Datasheet HTML 61Page - STMicroelectronics STM32F383RC Datasheet HTML 62Page - STMicroelectronics STM32F383RC Datasheet HTML 63Page - STMicroelectronics STM32F383RC Datasheet HTML 64Page - STMicroelectronics STM32F383RC Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
DocID023367 Rev 2
61/125
STM32F383xx
Electrical characteristics
109
IDD
Supply
current in
Run mode,
code
executing
from RAM
HSE
bypass,
PLL on
72 MHz 65.5
77.8
78.1
86.6
31.6
35.1
35.6
38.0
mA
64 MHz 58.7
69.0
69.5
76.5
28.2
31.2
31.7
33.7
48 MHz 44.8
51.6
52.2
56.6
21.4
23.3
23.9
25.1
32 MHz 30.4
34.2
34.9
37.1
14.4
15.6
16.1
16.8
24 MHz 23.1
25.7
26.2
27.6
10.9
11.8
12.2
12.8
HSE
bypass,
PLL off
8 MHz
7.7
8.4
8.9
9.5
3.6
4.0
4.4
5.0
1 MHz
1.0
1.3
1.7
2.2
0.5
0.7
1.1
1.7
HSI clock,
PLL on
64 MHz 54.3
63.3
63.9
70.1
27.9
30.8
31.2
33.2
48 MHz 41.5
47.3
48.0
51.9
21.1
23.0
23.5
24.7
32 MHz 28.2
31.5
32.2
34.1
14.2
15.3
15.9
16.5
24 MHz 21.4
23.6
24.3
25.5
7.2
7.8
8.2
8.8
HSI clock,
PLL off
8 MHz
7.3
7.9
8.4
9.1
3.6
4.0
4.4
4.9
Supply
current in
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
72 MHz 46.4
54.0
54.8
59.5
7.2
7.9
8.4
9.0
64 MHz 41.5
48.0
48.8
52.6
6.5
7.1
7.5
8.1
48 MHz 31.6
35.9
36.7
39.0
4.9
5.3
5.8
6.4
32 MHz 21.4
23.8
24.7
25.7
3.3
3.7
4.2
4.7
24 MHz 16.2
17.9
18.6
19.4
2.5
2.8
3.3
3.8
HSE
bypass,
PLL off
8 MHz
5.4
5.9
6.5
7.0
0.8
1.1
1.6
2.1
1 MHz
0.7
1.0
1.4
1.9
0.1
0.3
0.7
1.3
HSI clock,
PLL on
64 MHz 37.0
42.4
43.3
46.4
6.1
6.7
7.2
7.7
48 MHz 28.2
31.8
32.7
34.5
4.6
5.0
5.5
6.1
32 MHz 19.1
21.2
22.0
22.9
3.1
3.5
4.0
4.5
24 MHz 14.5
16.0
16.7
17.4
1.7
2.0
2.4
2.9
HSI clock,
PLL off
8 MHz
5.0
5.5
6.0
6.6
0.8
1.1
1.5
2.0
1. Data based on characterization results, not tested in production unless otherwise specified.
Table 26. Typical and maximum current consumption from VDD supply at VDD = 1.8 V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C
85 °C
105 °C
25 °C
85 °C 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com