Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F383RC Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32F383RC
Description  Reset and power management
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F383RC Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32F383RC Datasheet HTML 117Page - STMicroelectronics STM32F383RC Datasheet HTML 118Page - STMicroelectronics STM32F383RC Datasheet HTML 119Page - STMicroelectronics STM32F383RC Datasheet HTML 120Page - STMicroelectronics STM32F383RC Datasheet HTML 121Page - STMicroelectronics STM32F383RC Datasheet HTML 122Page - STMicroelectronics STM32F383RC Datasheet HTML 123Page - STMicroelectronics STM32F383RC Datasheet HTML 124Page - STMicroelectronics STM32F383RC Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 125 page
background image
DocID023367 Rev 2
123/125
STM32F383xx
Revision history
124
9
Revision history
Table 78. Document revision history
Date
Revision
Changes
18-Jan-2013
1
Initial release.
19-Sep-2013
2
Replaced “Cortex-M4F” with “Cortex-M4” throughout the
document.
Removed part number STM32F382xx.
Added “1.25 DMIPS/MHz (Dhrystone 2.1)” in Features.
Removed all references to pin PB2.
Updated Introduction.
Added reference to the STMTouch touch sensing firmware
library in Section 3.16: Touch sensing controller (TSC).
Added “All I2S interfaces can operate in half-duplex mode
only.” in Section 3.21: Serial peripheral interface (SPI)/Inter-
integrated sound interfaces (I2S).
Modified introduction of I2C interface characteristics.
Added alternate function RTC_REFIN and removed additional
function RTC_REF_CLK_IN to pins PA1 and PB15.
Replaced alternate function JNTRST with NJTRST for pin
PB4.
Replaced alternate function TIM1_TX with USART1_TX for
pin PC4 and TIM1_RX with USART1_RX for pin PC5.
Added alternate functions TIM4_CH1 and TSC_G8_IO1 to
pin PD12. Removed additional functions TIM4_CH1 and
G8_IO1 from pin PD12.
Added row “I2S full-duplex mode” to Table 9: STM32F383xx
SPI/I2S implementation.
In Table 12: Alternate functions for port PA: replaced alternate
function JTMS-SWDIO with SWDIO-JTMS for pin PA13, and
JTCK-SWCLK with SWCLK-JTCK for pin PA14.
In Table 22: General operating conditions: added rows VREF+
and VREFSD+; changed minimum value of VDDSD12 (‘SDADC
not used’ condition) from 2.0 to 1.65.
Replaced table column heading "Typ@VDD (VDD = VDDA =
1.8 V)" with "Typ@VDD (VDD=1.8 V, VDDA=3.3 V)" in
Table 28: Typical and maximum VDD consumption in Stop
mode.
Updated Table 29: Typical and maximum VDDA consumption
in Stop mode.
Added conditions for fHSE_ext in Table 35: High-speed external
user clock characteristics.
Added Min and Max values for ACCHISI in Table 39: HSI
oscillator characteristics.
Added COMP in Table 33: Peripheral current consumption
Changed VDDA value from 1.8 to 3.3 V in note(1) under
Table 39: HSI oscillator characteristics and Table 40: LSI
oscillator characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com