Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303X8 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F303X8
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X8 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F303X8 Datasheet HTML 12Page - STMicroelectronics STM32F303X8 Datasheet HTML 13Page - STMicroelectronics STM32F303X8 Datasheet HTML 14Page - STMicroelectronics STM32F303X8 Datasheet HTML 15Page - STMicroelectronics STM32F303X8 Datasheet HTML 16Page - STMicroelectronics STM32F303X8 Datasheet HTML 17Page - STMicroelectronics STM32F303X8 Datasheet HTML 18Page - STMicroelectronics STM32F303X8 Datasheet HTML 19Page - STMicroelectronics STM32F303X8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
Functional overview
STM32F303x6/x8
16/115
DocID025083 Rev 5
3.5
Interconnect matrix
Several peripherals have direct connections between them. This allows autonomous
communication between peripherals, saving CPU resources thus power supply
consumption. In addition, these hardware connections allow fast and predictable latency.
Note:
For more details about the interconnect actions, refer to the corresponding sections in the
RM0364 reference manual.
3.6
Clocks and startup
System clock selection is performed on startup, however the internal RC 8 MHz oscillator is
selected as default CPU clock on reset. An external 4-32 MHz clock can be selected, in
which case it is monitored for failure. If failure is detected, the system automatically switches
back to the internal RC oscillator. A software interrupt is generated if enabled. Similarly, full
interrupt management of the PLL clock entry is available when necessary (for example with
failure of an indirectly used external oscillator).
Several prescalers allow to configure the AHB frequency, the high-speed APB (APB2) and
the low-speed APB (APB1) domains. The maximum frequency of the AHB and the
Table 4. STM32F303x6/8 peripheral interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
ADCx
DACx
Conversion triggers
DMA
Memory to memory transfer trigger
COMPx
Comparator output blanking
COMPx
TIMx
Timer input: ocrefclear input, input capture
ADCx
TIM1
Timer triggered by analog watchdog
GPIO
RTCCLK
HSE/32
MC0
TIM16
Clock source used as input channel for HSI and
LSI calibration
CSS
CPU (hard fault)
RAM (parity error)
COMPx
PVD
GPIO
TIM1
TIM15, 16, 17
Timer break
GPIO
TIMx
External trigger, timer break
ADCx
DACx
Conversion external trigger
DACx
COMPx
Comparator inverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com