Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC594 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC594
Description  8 BIT SHIFT REGISTER WITH OUTPUT REGISTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC594 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC594 Datasheet HTML 1Page - STMicroelectronics 74VHC594 Datasheet HTML 2Page - STMicroelectronics 74VHC594 Datasheet HTML 3Page - STMicroelectronics 74VHC594 Datasheet HTML 4Page - STMicroelectronics 74VHC594 Datasheet HTML 5Page - STMicroelectronics 74VHC594 Datasheet HTML 6Page - STMicroelectronics 74VHC594 Datasheet HTML 7Page - STMicroelectronics 74VHC594 Datasheet HTML 8Page - STMicroelectronics 74VHC594 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74VHC594
2/14
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X: Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 15
QA to QH
Data Outputs
9
QH’
Serial Data Output
10
SCLR
Shift Register Clear Input
11
SCK
Shift Register Clock Input
13
RCLR
Storage Register Clear
Input
14
SI
Serial Data Input
12
RCK
Storage Register Clock
Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
SI
SCK
SCLR
RCK
RCLR
X
X
L
X
X
SHIFT REGISTER IS CLEAR
LH
X
X
FIRST STAGE OF SHIFT REGISTER GOES LOW
OTHER STAGES STORE THE DATA OF PREVI-
OUS STAGE, RESPECTIVELY
HH
X
X
FIRST STAGE OF SHIFT REGISTER GOES HIGH
OTHER STAGES STORE THE DATA OF PREVI-
OUS STAGE, RESPECTIVELY
L
H
X
X
SHIFT REGISTER STATE IS NOT CHANGED
X
X
X
X
L
STORAGE REGISTER IS CLEARED
XX
X
H
SHIFT REGISTER DATA IS STORED IN THE
STORAGE REGISTER
X
X
X
H
STORAGE REGISTER STATE IS NOT CHANGED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com