Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F410X8 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F410X8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410X8 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F410X8 Datasheet HTML 33Page - STMicroelectronics STM32F410X8 Datasheet HTML 34Page - STMicroelectronics STM32F410X8 Datasheet HTML 35Page - STMicroelectronics STM32F410X8 Datasheet HTML 36Page - STMicroelectronics STM32F410X8 Datasheet HTML 37Page - STMicroelectronics STM32F410X8 Datasheet HTML 38Page - STMicroelectronics STM32F410X8 Datasheet HTML 39Page - STMicroelectronics STM32F410X8 Datasheet HTML 40Page - STMicroelectronics STM32F410X8 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 142 page
background image
DocID028094 Rev 5
37/142
STM32F410x8/B
Pinouts and pin description
43
E3
21
21
29
G7
PB10
I/O
FT
-
I2C2_SCL,
SPI2_SCK/I2S2_CK,
I2S1_MCK,
I2C4_SCL,
EVENTOUT
-
E2
22
22
30
H7
VCAP_1
S
-
-
-
-
F2
23
23
31
D6
VSS
S
-
-
-
-
F1
24
24
32
E5
VDD
S
-
-
-
-
E1
25
25
33
H8
PB12
I/O
FT
-
TIM1_BKIN,
TIM5_CH1,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
EVENTOUT
-
-
26
26
34
G8
PB13
I/O
FT
-
TIM1_CH1N,
I2C4_SMBA,
SPI2_SCK/I2S2_CK,
EVENTOUT
-
-
27
27
35
F8
PB14
I/O
FT
-
TIM1_CH2N,
I2C4_SDA,
SPI2_MISO,
EVENTOUT
-
-
28
28
36
F7
PB15
I/O
FT
-
RTC_50Hz,
TIM1_CH3N,
I2C4_SCL,
SPI2_MOSI/I2S2_SD,
EVENTOUT
-
--
-
37
F6
PC6
I/O
FT
-
TRACECLK,
I2C4_SCL,
I2S2_MCK,
USART6_TX,
EVENTOUT
-
--
-
38
E7
PC7
I/O
FT
-
I2C4_SDA,
SPI2_SCK/I2S2_CK,
I2S1_MCK,
USART6_RX,
EVENTOUT
-
--
-
39
E8
PC8
I/O
FT
-
USART6_CK,
EVENTOUT
-
--
-
40
D8
PC9
I/O
FT
-
MCO_2, I2C4_SDA,
I2S2_CKIN,
EVENTOUT
-
Table 9. STM32F410x8/B pin definitions (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com