Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F410T8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F410T8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410T8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F410T8 Datasheet HTML 9Page - STMicroelectronics STM32F410T8 Datasheet HTML 10Page - STMicroelectronics STM32F410T8 Datasheet HTML 11Page - STMicroelectronics STM32F410T8 Datasheet HTML 12Page - STMicroelectronics STM32F410T8 Datasheet HTML 13Page - STMicroelectronics STM32F410T8 Datasheet HTML 14Page - STMicroelectronics STM32F410T8 Datasheet HTML 15Page - STMicroelectronics STM32F410T8 Datasheet HTML 16Page - STMicroelectronics STM32F410T8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
DocID028094 Rev 5
13/142
STM32F410x8/B
Description
31
Table 2. STM32F410x8/B features and peripheral counts
Peripherals
STM32
F410
T8Y
STM32
F410
TBY
STM32
F410
C8U
STM32
F410
CBU
STM32
F410
C8T
STM32
F410
CBT
STM32
F410
R8T
STM32
F410
RBT
STM32
F410
R8I
STM32
F410
RBI
Flash memory in Kbytes
64
128
64
128
64
128
64
128
64
128
SRAM in Kbytes System
32
Timers
General-
purpose
4
Low-power
timer
1
Advanced-
control
1
Random number generator
1
Communication
interfaces
SPI/ I2S1
3
I2C2
3
USART
2
3
GPIOs
23
36
50
12-bit ADC
Number of channels
1
410
16
12-bit DAC
Number of channels
1
1
Maximum CPU frequency
100 MHz
Operating voltage
1.7 to 3.6 V
1.8 to 3.6 V
1.7 to 3.6 V
1.8 to 3.6 V
1.7 to 3.6 V
Operating temperatures
Ambient temperatures: – 40 to +85 °C / – 40 to + 105 °C / – 40 to + 125 °C
Junction temperature: –40 to + 130 °C
Package
WLCSP36
UFQFPN48
LQFP48
LQFP64
UFBGA64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com