Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15xRC Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32L15xRC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xRC Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32L15xRC Datasheet HTML 128Page - STMicroelectronics STM32L15xRC Datasheet HTML 129Page - STMicroelectronics STM32L15xRC Datasheet HTML 130Page - STMicroelectronics STM32L15xRC Datasheet HTML 131Page - STMicroelectronics STM32L15xRC Datasheet HTML 132Page - STMicroelectronics STM32L15xRC Datasheet HTML 133Page - STMicroelectronics STM32L15xRC Datasheet HTML 134Page - STMicroelectronics STM32L15xRC Datasheet HTML 135Page - STMicroelectronics STM32L15xRC Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
Revision History
STM32L151xC STM32L152xC
132/136
DocID022799 Rev 12
01-Feb-2013
3
Removed AHB1/AHB2 and corrected typo on APB1/APB2 in:Figure 1:
Ultra-low-power STM32L162xC block diagram-low-power
STM32L162xC block diagram
Updated “OP amp” line in Table 4: Functionalities depending on the
working mode (from Run/active down to standby)
Added IWDG and WWDG rows in Table 4: Functionalities depending
on the working mode (from Run/active down to standby)
Updated address range in Table 7: Internal voltage reference
measured values
The comment "HSE = 16 MHz(2) (PLL ON for fHCLK above 16 MHz)"
replaced by "fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2
above 16 MHz (PLL ON)(2)” in table Table 27: Current consumption in
Sleep mode
replaced pin names D7,C7,C6,C8,B8,A8 respectively by
D11,D10,C12,B12,A12,A11 in column UFBGA100 of Table 9:
STM32L15xxC pin definitionsAdded more alternate functions
supported on pin K3 and M4 for UFBGA100 package in Table 9:
STM32L15xxC pin definitions
Added part number STM32L151CC in Table 1: Device summary
Updated Stop mode current to
1.5 µA in Ultra-low-power platform
Updated entire Section 7: Package information
02-Sep-2013
4
Removed UFBGA132 and LQFP144 packages
Removed first sentence in Section : I2C interface characteristics
Added Section Table 5.: VLCD rail decoupling
Added VRAIL functions in Table 9: STM32L15xxC pin definitions
Updated PH0-OSC_IN and PH1-OSC_OUT type in Table 9:
STM32L15xxC pin definitions.
Added Table 6.1.7: Optional LCD power supply scheme.
Updated consumption data in Table 6.3.4: Supply current
characteristics
Updated Table 7: Pin loading conditions
Updated Table 8: Pin input voltage Updated Table 15: Typical
application with a 32.768 kHz crystal
Updated Table 25: Recommended NRST pin protection
Table 26: I2C bus AC waveforms and measurement circuitUpdated
Table 35: Typical connection diagram using the ADC and
definition of symbol “RAIN” in Table 77: ADC characteristics
Updated dThreshold/dt conditions in Table 85: Comparator 2
characteristics.
Updated Table 49: Thermal resistance suffix 6.
Added D2 and E2 in Table 69: UFQFPN48 – ultra thin fine pitch quad
flat pack no-lead 7 × 7 mm, 0.5 mm pitch package mechanical data
Fixed columns inversion in Table 67: LQFP64, 10 x 10 mm 64-pin low-
profile quad flat package mechanical data and Table 70: UFBGA100, 7
x 7 mm, 0.5 mm pitch package mechanical data
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com