Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062K8 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L062K8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 53Page - STMicroelectronics STM32L062K8 Datasheet HTML 54Page - STMicroelectronics STM32L062K8 Datasheet HTML 55Page - STMicroelectronics STM32L062K8 Datasheet HTML 56Page - STMicroelectronics STM32L062K8 Datasheet HTML 57Page - STMicroelectronics STM32L062K8 Datasheet HTML 58Page - STMicroelectronics STM32L062K8 Datasheet HTML 59Page - STMicroelectronics STM32L062K8 Datasheet HTML 60Page - STMicroelectronics STM32L062K8 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
DocID025937 Rev 8
57/118
STM32L062x8
Electrical characteristics
98
Figure 13. IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS
Table 29. Current consumption in Low-power sleep mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD
(LP Sleep)
Supply
current in
Low-power
sleep mode
All peripherals
OFF, VDD from
1.65 to 3.6 V
MSI clock = 65 kHz,
fHCLK = 32 kHz,
Flash OFF
TA = − 40 to 25°C
4.7(2)
-
µA
MSI clock = 65 kHz,
fHCLK = 32 kHz,
Flash ON
TA = − 40 to 25°C
17
23
TA = 85 °C
19.5
63
TA = 105 °C
23
69
TA = 125 °C
32.5
90
MSI clock =65 kHz,
fHCLK = 65 kHz,
Flash ON
TA = − 40 to 25°C
17
23
TA = 85 °C
20
63
TA = 105 °C
23.5
69
TA = 125 °C
32.5
90
MSI clock = 131 kHz,
fHCLK = 131 kHz,
Flash ON
TA = − 40 to 25°C
19.5
36
TA = 55 °C
20.5
64
TA = 85 °C
22.5
66
TA = 105 °C
26
72
TA = 125 °C
35
95
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. As the CPU is in Sleep mode, the difference between the current consumption with Flash ON and OFF (nearly 12 µA) is
the same whatever the clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com