Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062K8 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32L062K8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 97Page - STMicroelectronics STM32L062K8 Datasheet HTML 98Page - STMicroelectronics STM32L062K8 Datasheet HTML 99Page - STMicroelectronics STM32L062K8 Datasheet HTML 100Page - STMicroelectronics STM32L062K8 Datasheet HTML 101Page - STMicroelectronics STM32L062K8 Datasheet HTML 102Page - STMicroelectronics STM32L062K8 Datasheet HTML 103Page - STMicroelectronics STM32L062K8 Datasheet HTML 104Page - STMicroelectronics STM32L062K8 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
DocID025937 Rev 8
101/118
STM32L062x8
Package information
112
Table 73. Standard WLCSP36 recommended PCB design rules
Dimension
Recommended values
Pitch
0.4 mm
Dpad
260 µm max. (circular)
220 µm recommended
Dsm
300 µm min. (for 260 µm diameter pad)
PCB pad design
Non-solder mask defined via underbump allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com