Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062K8 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L062K8
Description  Ultra-low-power platform
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 110Page - STMicroelectronics STM32L062K8 Datasheet HTML 111Page - STMicroelectronics STM32L062K8 Datasheet HTML 112Page - STMicroelectronics STM32L062K8 Datasheet HTML 113Page - STMicroelectronics STM32L062K8 Datasheet HTML 114Page - STMicroelectronics STM32L062K8 Datasheet HTML 115Page - STMicroelectronics STM32L062K8 Datasheet HTML 116Page - STMicroelectronics STM32L062K8 Datasheet HTML 117Page - STMicroelectronics STM32L062K8 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 118 page
background image
DocID025937 Rev 8
117/118
STM32L062x8
Revision history
117
11-Mar-2016
6
Updated number of SPIs on cover page and in Table 1: Ultra-low-power
STM32L062x8 device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover page.
Added number of fast and standard channels in Section 3.11: Analog-
to-digital converter (ADC).
Updated Section 3.19.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.19.4: Serial peripheral interface
(SPI)/Inter-integrated sound (I2S) to mention the fact that USARTs with
synchronous mode feature can be used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.19.2: Universal synchronous/asynchronous receiver
transmitter (USART).
Section 6.3.15: 12-bit ADC characteristics:
– Table 55: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1.
Added note 4. related to RADC.
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 56: RAIN max for fADC = 16 MHz for fADC = 16 MHz
and distinction made between fast and standard channels.
Updated RO and added Note 1. in Table 58: DAC characteristics.
Added Table 65: USART/LPUART characteristics.
09-Jun-2016
7
Added WLCSP36 package, STM32L062T8 part number and
corresponding features.
07-Mar-2017
8
Added thin WLCSP36 package.
In Section 4: Pin descriptions, renamed USB_OE into USB_NOE.
Added mission profile compliance with JEDEC JESD47 in Section 6.2:
Absolute maximum ratings.
Added note 2. related to the position of the external capacitor below
Figure 22: Recommended NRST pin protection.
Updated RL in Table 55: ADC characteristics.
Updated tAF maximum value for range 1 in Table 64: I2C analog filter
characteristics.
Updated tWUUSART description in Table 65: USART/LPUART
characteristics.
NSS timing waveforms updated in Figure 28: SPI timing diagram -
slave mode and CPHA = 0 and Figure 29: SPI timing diagram - slave
mode and CPHA = 1(1).
Added reference to optional marking or inset/upset marks in all
package device marking sections.
Previous WLCSP36 package renamed “Standard” WLCSP36; added
Note 2. below Figure 32: Standard WLCSP36 - 2.61 x 2.88 mm,
0.4 mm pitch wafer level chip scale package outline and updated
Table 72: Standard WLCSP36 - 2.61 x 2.88 mm, 0.4 mm pitch wafer
level chip scale mechanical data.
Table 80. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com