Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L063R8 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32L063R8
Description  Ultra-low-power platform
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L063R8 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32L063R8 Datasheet HTML 57Page - STMicroelectronics STM32L063R8 Datasheet HTML 58Page - STMicroelectronics STM32L063R8 Datasheet HTML 59Page - STMicroelectronics STM32L063R8 Datasheet HTML 60Page - STMicroelectronics STM32L063R8 Datasheet HTML 61Page - STMicroelectronics STM32L063R8 Datasheet HTML 62Page - STMicroelectronics STM32L063R8 Datasheet HTML 63Page - STMicroelectronics STM32L063R8 Datasheet HTML 64Page - STMicroelectronics STM32L063R8 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
DocID025660 Rev 6
61/121
STM32L063x8
Electrical characteristics
107
Table 30. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK up to 16
MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
1 MHz
135
170
µA
2 MHz
240
270
4 MHz
450
480
Range 2,
VCORE=1.5 ,V,
VOS[1:0]=10
4 MHz
0.52
0.6
mA
8 MHz
1
1.2
16 MHz
2
2.3
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
8 MHz
1.25
1.4
16 MHz
2.45
2.8
32 MHz
5.1
5.4
MSI clock
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
65 kHz
34.5
75
µA
524 kHz
83
120
4.2 MHz
485
540
HSI16 clock source
(16 MHz)
Range 2,
VCORE=1.5 V,
VOS[1:0]=10
16 MHz
2.1
2.3
mA
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
32 MHz
5.1
5.6
1.
Guaranteed by characterization results
at 125 °C, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 31. Current consumption in Run mode vs code type,
code with data processing running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
switched off
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL on)(2)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
450
µA
CoreMark
575
Fibonacci
370
while(1)
340
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
5.1
mA
CoreMark
6.25
Fibonacci
4.4
while(1)
4.7
1.
Guaranteed by characterization results, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com