Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VCH6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L151VCH6
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VCH6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L151VCH6 Datasheet HTML 62Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 63Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 64Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 65Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 66Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 67Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 68Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 69Page - STMicroelectronics STM32L151VCH6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
Electrical characteristics
STM32L151xC STM32L152xC
66/136
DocID022799 Rev 12
Table 23. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max(1) Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with RTC
enabled
RTC clocked by LSI
or LSE external clock
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.15
-
µA
TA = -40°C to 25°C
1.4
-
TA = 55°C
2
-
TA= 85°C
3.4
10
TA = 105°C
6.35
23
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.55
6
TA = 55°C
2.15
7
TA= 85°C
3.55
12
TA = 105°C
6.3
27
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
3.9
10
TA = 55°C
4.65
11
TA= 85°C
6.25
16
TA = 105°C
9.1
44
RTC clocked by LSE
external quartz
(32.768kHz),
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog(4)
LCD
OFF
TA = -40°C to 25°C
1.5
-
TA = 55°C
2.15
-
TA= 85°C
3.7
-
TA = 105°C
6.75
-
LCD
ON
(static
duty)(2)
TA = -40°C to 25°C
1.6
-
TA = 55°C
2.3
-
TA= 85°C
3.8
-
TA = 105°C
6.85
-
LCD
ON (1/8
duty)(3)
TA = -40°C to 25°C
4
-
TA = 55°C
4.85
-
TA= 85°C
6.5
-
TA = 105°C
9.1
-
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8V
1.2
-
TA = -40°C to 25°C
VDD = 3.0V
1.5
-
TA = -40°C to 25°C
VDD = 3.6V
1.75
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com