Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162QC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32L162QC
Description  AES-128 bit encryption hardware accelerator
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162QC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32L162QC Datasheet HTML 31Page - STMicroelectronics STM32L162QC Datasheet HTML 32Page - STMicroelectronics STM32L162QC Datasheet HTML 33Page - STMicroelectronics STM32L162QC Datasheet HTML 34Page - STMicroelectronics STM32L162QC Datasheet HTML 35Page - STMicroelectronics STM32L162QC Datasheet HTML 36Page - STMicroelectronics STM32L162QC Datasheet HTML 37Page - STMicroelectronics STM32L162QC Datasheet HTML 38Page - STMicroelectronics STM32L162QC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
DocID026175 Rev 4
35/128
STM32L162xC/C-A
Pin descriptions
52
Table 7. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TC
Standard 3.3 V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 8. STM32L162xC/C-A pin definitions
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions
1
B2
1
-
-
PE2
I/O
FT
PE2
TIM3_ETR/LCD_SEG38/
TRACECLK
-
2
A1
2
-
-
PE3
I/O
FT
PE3
TIM3_CH1/LCD_SEG39/
TRACED0
-
3
B1
3
-
-
PE4
I/O
FT
PE4
TIM3_CH2/TRACED1
-
4
C2
4
-
-
PE5
I/O
FT
PE5
TIM9_CH1/TRACED2
-
5D2
5
-
-
PE6-
WKUP3
I/O
FT
PE6
TIM9_CH2/TRACED3
WKUP3/
RTC_TAMP3
6E2
6
1
C6
VLCD(3)
S-
VLCD
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com