Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162ZC Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32L162ZC
Description  AES-128 bit encryption hardware accelerator
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162ZC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32L162ZC Datasheet HTML 4Page - STMicroelectronics STM32L162ZC Datasheet HTML 5Page - STMicroelectronics STM32L162ZC Datasheet HTML 6Page - STMicroelectronics STM32L162ZC Datasheet HTML 7Page - STMicroelectronics STM32L162ZC Datasheet HTML 8Page - STMicroelectronics STM32L162ZC Datasheet HTML 9Page - STMicroelectronics STM32L162ZC Datasheet HTML 10Page - STMicroelectronics STM32L162ZC Datasheet HTML 11Page - STMicroelectronics STM32L162ZC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Introduction
STM32L162xC/C-A
8/128
DocID026175 Rev 4
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32L162xC/C-A ultra-low-power ARM® Cortex®-M3 based microcontroller product
line.
The STM32L162xC/C-A microcontrollers feature 256 Kbytes of Flash memory.
The ultra-low-power STM32L162xC/C-A devices are available in 4 different package types:
from 64 pins to 144 pins. Depending on the device chosen, different sets of peripherals are
included, the description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the ultra-low-power STM32L162xC/C-A microcontroller family suitable
for a wide range of applications:
•
Medical and handheld equipment
•
Application control and user interface
•
PC peripherals, gaming, GPS and sport equipment
•
Alarm systems, wired and wireless sensors, video intercom
•
Utility metering
This STM32L162xC/C-A datasheet should be read in conjunction with the STM32L1xxxx
reference manual (RM0038). The application note “Getting started with STM32L1xxxx
hardware development” (AN3216) gives a hardware implementation overview. Both
documents are available from the STMicroelectronics website www.st.com.
For information on the ARM® Cortex®-M3 core please refer to the ARM® Cortex®-M3
technical reference manual, available from the www.arm.com website. Figure 1 shows the
general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com