Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162ZC Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L162ZC
Description  AES-128 bit encryption hardware accelerator
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162ZC Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L162ZC Datasheet HTML 120Page - STMicroelectronics STM32L162ZC Datasheet HTML 121Page - STMicroelectronics STM32L162ZC Datasheet HTML 122Page - STMicroelectronics STM32L162ZC Datasheet HTML 123Page - STMicroelectronics STM32L162ZC Datasheet HTML 124Page - STMicroelectronics STM32L162ZC Datasheet HTML 125Page - STMicroelectronics STM32L162ZC Datasheet HTML 126Page - STMicroelectronics STM32L162ZC Datasheet HTML 127Page - STMicroelectronics STM32L162ZC Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
DocID026175 Rev 4
127/128
STM32L162xC/C-A
Revision History
127
9
Revision History
Table 71. Document revision history
Date
Revision
Changes
21-May-2014
1
Initial release
12-Sept-2014
2
Updated communication interfaces section including I2S
characteristics.
Updated DMIPS features in cover page and description section.
Updated -40°C to 105°C temperature range.
Updated Flash switched ON & OFF modes
Updated peripheral consumption table.
Updated maximum source impedance RAIN max.
02-Mar-2015
3
Updated Section 7: Package information with new package device
marking.
Updated Figure 7: Memory map.
18-Mar-2016
4
Updated Table 16: Embedded internal reference voltage temperature
coefficient at 100ppm/°C.
and table note 3: “guaranteed by design” changed by “guaranteed by
characterization results”.
Updated Table 63: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
Updated Table 8: STM32L162xC/C-A pin definitions ADC inputs.
Updated cover page putting eight SPIs in the peripheral
communication interface list.
Updated Table 2: Ultra-low-power STM32L162xC/C-A device features
and peripheral counts SPI and I2S lines.
Updated Table 39: ESD absolute maximum ratings CDM class.
Updated all the notes, removing ‘not tested in production’.
Updated Table 10: Voltage characteristics adding note about VREF-
pin.
Updated Table 5: Functionalities depending on the working mode (from
Run/active down to standby) LSI and LSE functionalities putting “Y” in
Standby mode.
Removed note 1 below Figure 2: Clock tree.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com