Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162VE Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32L162VE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VE Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32L162VE Datasheet HTML 58Page - STMicroelectronics STM32L162VE Datasheet HTML 59Page - STMicroelectronics STM32L162VE Datasheet HTML 60Page - STMicroelectronics STM32L162VE Datasheet HTML 61Page - STMicroelectronics STM32L162VE Datasheet HTML 62Page - STMicroelectronics STM32L162VE Datasheet HTML 63Page - STMicroelectronics STM32L162VE Datasheet HTML 64Page - STMicroelectronics STM32L162VE Datasheet HTML 65Page - STMicroelectronics STM32L162VE Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 129 page
background image
Electrical characteristics
STM32L162xE
62/129
DocID025882 Rev 6
Table 17. Current consumption in Run mode, code with data processing running from
Flash
Symbol Parameter
Conditions
fHCLK
Typ
Max(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
IDD
(Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Range 3, VCORE=1.2
V VOS[1:0] = 11
1 MHz
225
500
µA
2 MHz
420
750
4 MHz
780
1200
Range 2, VCORE=1.5
V VOS[1:0] = 10
4 MHz
0.98
1.6
mA
8 MHz
1.85
2.9
16 MHz
3.6
5.2
Range 1, VCORE=1.8
V VOS[1:0] = 01
8 MHz
2.2
3.5
16 MHz
4.4
6.5
32 MHz
8.6
12
HSI clock source
(16 MHz)
Range 2, VCORE=1.5
V VOS[1:0] = 10
16 MHz
3.6
5.2
Range 1, VCORE=1.8
V VOS[1:0] = 01
32 MHz
8.7
12.3
MSI clock, 65 kHz
Range 3, VCORE=1.2
V VOS[1:0] = 11
65 kHz
42
145
µA
MSI clock, 524 kHz
524 kHz
135
250
MSI clock, 4.2 MHz
4.2 MHz
820
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com