Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162VE Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L162VE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162VE Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L162VE Datasheet HTML 121Page - STMicroelectronics STM32L162VE Datasheet HTML 122Page - STMicroelectronics STM32L162VE Datasheet HTML 123Page - STMicroelectronics STM32L162VE Datasheet HTML 124Page - STMicroelectronics STM32L162VE Datasheet HTML 125Page - STMicroelectronics STM32L162VE Datasheet HTML 126Page - STMicroelectronics STM32L162VE Datasheet HTML 127Page - STMicroelectronics STM32L162VE Datasheet HTML 128Page - STMicroelectronics STM32L162VE Datasheet HTML 129Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
DocID025882 Rev 6
127/129
STM32L162xE
Revision History
128
9
Revision History
Table 72. Document revision history
Date
Revision
Changes
27-Feb-2014
1
Initial release.
22-May-2014
2
Removed note 4 in Table 61: Temperature sensor characteristics.
Updated IIO in Table 11: Current characteristics
Modified pins F9 for WLCSP104 package inside Table 8:
STM32L162xE pin definitions
13-Oct-2014
3
Updated Section 3.18: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated current consumption in Table 19: Current consumption in
Sleep mode.
Updated Table 24: Peripheral current consumption with new measured
current values.
Updated Table 57: Maximum source impedance RAIN max adding note
2.
10-Feb-2015
4
Updated Section 7: Package information with new package device
marking.
Updated Figure 7: Memory map.
27-Apr-2015
5
Updated Section 7: Package information structure: Paragraph titles and
paragraph heading level.
Updated Section 7.1: LQFP144, 20 x 20 mm, 144-pin low-profile quad
flat package information removing gate mark in Figure 32 and adding
text for device orientation versus pin1 identifier.
Updated Section 7.2: LQFP100, 14 x 14 mm, 100-pin low-profile quad
flat package information removing gate mark in Figure 35 and adding
note for device orientation versus pin 1 identifier.
Updated Section 7: Package information for all other package device
marking adding text in for device orientation versus pin 1 or ball A1
identifier.
Added Figure 40: WLCSP104, 0.4 mm pitch wafer level chip scale
package recommended footprint and Table 69: WLCSP104, 0.4 mm
pitch recommended PCB design rules.
Updated Table 8: STM32L162xE pin definitions ADC inputs.
Updated Table 16: Embedded internal reference voltage temperature
coefficient at 100ppm/°C.
and table footnote 3: “guaranteed by design” changed by “guaranteed
by characterization results”.
Updated Table 63: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com