Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L471RG Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L471RG
Description  Batch acquisition mode
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471RG Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L471RG Datasheet HTML 66Page - STMicroelectronics STM32L471RG Datasheet HTML 67Page - STMicroelectronics STM32L471RG Datasheet HTML 68Page - STMicroelectronics STM32L471RG Datasheet HTML 69Page - STMicroelectronics STM32L471RG Datasheet HTML 70Page - STMicroelectronics STM32L471RG Datasheet HTML 71Page - STMicroelectronics STM32L471RG Datasheet HTML 72Page - STMicroelectronics STM32L471RG Datasheet HTML 73Page - STMicroelectronics STM32L471RG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
Pinouts and pin description
STM32L471xx
70/218
DocID027226 Rev 1
59
93
B4
137
PB7
I/O
FT_fa
-
LPTIM1_IN2, TIM4_CH2,
TIM8_BKIN, I2C1_SDA,
DFSDM_CKIN5,
USART1_RX,
UART4_CTS,
TSC_G2_IO4, FMC_NL,
TIM8_BKIN_COMP1,
TIM17_CH1N, EVENTOUT
COMP2_INM,
PVD_IN
60
94
A4
138
BOOT0
I
-
-
-
-
61
95
A3
139
PB8
I/O
FT_f
-
TIM4_CH3, I2C1_SCL,
DFSDM_DATIN6,
CAN1_RX, SDMMC1_D4,
SAI1_MCLK_A,
TIM16_CH1, EVENTOUT
-
62
96
B3
140
PB9
I/O
FT_f
-
IR_OUT, TIM4_CH4,
I2C1_SDA, SPI2_NSS,
DFSDM_CKIN6,
CAN1_TX, SDMMC1_D5,
SAI1_FS_A, TIM17_CH1,
EVENTOUT
-
-
97
C3
141
PE0
I/O
FT
-
TIM4_ETR, FMC_NBL0,
TIM16_CH1, EVENTOUT
-
-
98
A2
142
PE1
I/O
FT
-
FMC_NBL1, TIM17_CH1,
EVENTOUT
-
63
99
D3
143
VSS
S
-
-
-
-
64 100 C4
144
VDD
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the RM0392 reference manual.
3. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
Table 15. STM32L471xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com