Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L471RG Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32L471RG
Description  Batch acquisition mode
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471RG Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L471RG Datasheet HTML 100Page - STMicroelectronics STM32L471RG Datasheet HTML 101Page - STMicroelectronics STM32L471RG Datasheet HTML 102Page - STMicroelectronics STM32L471RG Datasheet HTML 103Page - STMicroelectronics STM32L471RG Datasheet HTML 104Page - STMicroelectronics STM32L471RG Datasheet HTML 105Page - STMicroelectronics STM32L471RG Datasheet HTML 106Page - STMicroelectronics STM32L471RG Datasheet HTML 107Page - STMicroelectronics STM32L471RG Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 218 page
background image
Electrical characteristics
STM32L471xx
104/218
DocID027226 Rev 1
Table 29. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Voltage
scaling
Code
25 °C
25 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE up
to 48 MHz
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
Reduced code(1)
2.9
mA
111
µA/MHz
Coremark
3.1
118
Dhrystone 2.1
3.1
119
Fibonacci
2.9
112
While(1)
2.8
108
Reduced code(1)
10.2
mA
127
µA/MHz
Coremark
10.9
136
Dhrystone 2.1
11.0
137
Fibonacci
10.5
131
While(1)
9.9
124
IDD(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI = 2 MHz
all peripherals disable
Reduced code(1)
272
µA
136
µA/MHz
Coremark
291
145
Dhrystone 2.1
302
151
Fibonacci
269
135
While(1)
269
135
1. Reduced code used for characterization results provided in Table 26, Table 27, Table 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com