Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L471ZE Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32L471ZE
Description  Batch acquisition mode
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L471ZE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32L471ZE Datasheet HTML 35Page - STMicroelectronics STM32L471ZE Datasheet HTML 36Page - STMicroelectronics STM32L471ZE Datasheet HTML 37Page - STMicroelectronics STM32L471ZE Datasheet HTML 38Page - STMicroelectronics STM32L471ZE Datasheet HTML 39Page - STMicroelectronics STM32L471ZE Datasheet HTML 40Page - STMicroelectronics STM32L471ZE Datasheet HTML 41Page - STMicroelectronics STM32L471ZE Datasheet HTML 42Page - STMicroelectronics STM32L471ZE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 218 page
background image
DocID027226 Rev 1
39/218
STM32L471xx
Functional overview
55
•
Noise-wave generation
•
Triangular-wave generation
•
Dual DAC channel independent or simultaneous conversions
•
DMA capability for each channel
•
External triggers for conversion
•
Sample and hold low-power mode, with internal or external capacitor
The DAC channels are triggered through the timer update outputs that are also connected
to different DMA channels.
3.17
Voltage reference buffer (VREFBUF)
The STM32L471xx devices embed an voltage reference buffer which can be used as
voltage reference for ADCs, DACs and also as voltage reference for external components
through the VREF+ pin.
The internal voltage reference buffer supports two voltages:
•
2.048 V
•
2.5 V.
An external voltage reference can be provided through the VREF+ pin when the internal
voltage reference buffer is off.
The VREF+ pin is double-bonded with VDDA on some packages. In these packages the
internal voltage reference buffer is not available.
Figure 4. Voltage reference buffer
3.18
Comparators (COMP)
The STM32L471xx devices embed two rail-to-rail comparators with programmable
reference voltage (internal or external), hysteresis and speed (low speed for low-power) and
with selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output channels
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com