Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79L06ACF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 79L06ACF
Description  Three-Terminal Low Current Negative Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

79L06ACF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  79L06ACF Datasheet HTML 1Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 2Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 3Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 4Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 5Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 6Page - List of Unclassifed Manufacturers 79L06ACF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
79L00AC Series
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
3
79L05AC ELECTRICAL CHARACTERISTICS
(V
I = -10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
-4.8
-5.0
-5.2
V
Output Voltage,
-7.0V < V
I < -20.0V, 1mA < IO <
40mA
V
O
-4.75
–
-5.25
V
Line Regulation,
-7.0V < V
I < -20.0V
Reg
line
–
–
150
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
Reg
load
–
–
–
–
60
30
mV
Input Bias Current
I
IB
–
–
6
mA
Input Bias Current,
-8.0V < V
I < -20.0V, 1mA < IO <
40mA
∆∆I
IB
–
–
1.5
mA
Ripple Rejection,
-8.0V < V
I < -18.0V, IO=40mA, f=120Hz
RR
41
–
–
dB
Dropout Voltage
V
I – VO
1.7
–
V
79L06AC ELECTRICAL CHARACTERISTICS
(V
I = -12 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
-5.75
-6.0
-6.25
V
Output Voltage,
-8.5V < V
I < -20.0V, 1mA < IO <
40mA
V
O
-5.7
–
-6.3
V
Line Regulation,
-8.5V < V
I < -20.0V
Reg
line
–
–
175
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
Reg
load
–
–
–
–
80
40
mV
Input Bias Current
I
IB
–
–
6
mA
Input Bias Current,
-9.0V < V
I < -20.0V, 1mA < IO <
40mA
∆∆I
IB
–
–
1.5
mA
Ripple Rejection,
-10.0V < V
I < -20.0V, IO=40mA, f=120Hz
RR
40
–
–
dB
Dropout Voltage
V
I – VO
1.7
–
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com