Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833ACST Datasheet(PDF) 16 Page - Analog Devices

Part # AD1833ACST
Description  24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833ACST Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1833ACST Datasheet HTML 12Page - Analog Devices AD1833ACST Datasheet HTML 13Page - Analog Devices AD1833ACST Datasheet HTML 14Page - Analog Devices AD1833ACST Datasheet HTML 15Page - Analog Devices AD1833ACST Datasheet HTML 16Page - Analog Devices AD1833ACST Datasheet HTML 17Page - Analog Devices AD1833ACST Datasheet HTML 18Page - Analog Devices AD1833ACST Datasheet HTML 19Page - Analog Devices AD1833ACST Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
AD1833A
–16–
Packed Mode 128
In Packed Mode 128, all six data channels are packed into one
sample interval on one data pin. The BCLK runs at 128
fS;
therefore, there are 128 BCLK periods in each sample interval.
Each sample interval is broken into eight time slots: six slots of
20 BCLK and two of 4 BCLK. In this mode, the data length is
restricted to a maximum of 20 bits. The three left channels are
written first, MSB first, and the data is written on the falling
edge of BCLK. After the three left channels are written, there is
a space of four BCLK, and then the three right channels are writ-
ten. The L/
RCLK defines the left and right data transmission; it
is high for the three left channels and low for the three right channels.
Packed Mode 256
In Packed Mode 256, all six data channels are packed into one
sample interval on one data pin. The BCLK runs at 256
fS;
therefore, there are 256 BCLK periods in each sample interval, and
each sample interval is broken into eight time slots of 32 BCLK
each. The data length can be 16, 20, or 24 bits. The three left
channels are written first, MSB first, and the data is written on the
falling edge of BCLK with a one BCLK period delay from the
start of the slot. After the three left channels are written, there is
a space of 32 BCLK, and then the three right channels are written.
The
L/RCLK defines the left and right data transmission; it is
low for the three left channels and high for the three right channels.
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 3
LEFT 2
BLANK SLOT
4 SCLK
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 6
RIGHT 2
BLANK SLOT
4 SCLK
DATA
20-BIT DATA
16-BIT DATA
BCLK
BCLK
MSB
–1
MSB
–2
MSB
–3
MSB
–4
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
+4
LSB
+3
LSB
+2
LSB
+1
MSB
LSB
LSB
MSB
L/
RCLK
Figure 11. Packed Mode 128
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 3
LEFT 2
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 6
RIGHT 2
20-BIT DATA
24-BIT DATA
16-BIT DATA
BCLK
MSB
–1
MSB
–2
MSB
–3
MSB
–4
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
+8
LSB
+7
LSB
+6
LSB
+5
LSB
+4
LSB
+3
LSB
+2
LSB
+1
LSB
+4
LSB
+3
LSB
+2
LSB
+1
MSB
LSB
LSB
LSB
MSB
MSB
–1
MSB
–2
MSB
–3
MSB
–4
MSB
DATA
BCLK
L/RCLK
Figure 12. Packed Mode 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com