Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F779IIY6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F779IIY6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F779IIY6 Datasheet HTML 2Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 3Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 4Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 5Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 6Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 7Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 8Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 9Page - STMicroelectronics STM32F779IIY6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 255 page
background image
Contents
STM32F777xx STM32F778Ax STM32F779xx
6/255
DocID028294 Rev 4
5.3.23
RTC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
5.3.24
12-bit ADC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
5.3.25
Temperature sensor characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
5.3.26
VBAT monitoring characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
5.3.27
Reference voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
5.3.28
DAC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
5.3.29
Communications interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 178
5.3.30
FMC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
5.3.31
Quad-SPI interface characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
5.3.32
Camera interface (DCMI) timing specifications . . . . . . . . . . . . . . . . . . 217
5.3.33
LCD-TFT controller (LTDC) characteristics . . . . . . . . . . . . . . . . . . . . . 218
5.3.34
Digital filter for Sigma-Delta Modulators (DFSDM) characteristics . . . 220
5.3.35
DFSDM timing diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
5.3.36
SD/SDIO MMC card host interface (SDMMC) characteristics . . . . . . . 223
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
6.1
LQFP100 14x 14 mm, low-profile quad flat package information . . . . . . 225
6.2
LQFP144 20 x 20 mm, low-profile quad flat package information . . . . . 229
6.3
LQFP176 24 x 24 mm, low-profile quad flat package information . . . . . 233
6.4
LQFP208 28 x 28 mm low-profile quad flat package information . . . . . . 237
6.5
WLCSP 180-bump, 5.5 x 6 mm, wafer level chip scale
package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
6.6
UFBGA176+25, 10 x 10, 0.65 mm ultra thin fine-pitch ball grid
array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 245
6.7
TFBGA216, 13 x 13 x 0.8 mm thin fine-pitch ball grid
array package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
6.8
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 251
7
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 252
Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 253
A.1
Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 253
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com