Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5308 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5308 Datasheet HTML 9Page - Analog Devices AD5308 Datasheet HTML 10Page - Analog Devices AD5308 Datasheet HTML 11Page - Analog Devices AD5308 Datasheet HTML 12Page - Analog Devices AD5308 Datasheet HTML 13Page - Analog Devices AD5308 Datasheet HTML 14Page - Analog Devices AD5308 Datasheet HTML 15Page - Analog Devices AD5308 Datasheet HTML 16Page - Analog Devices AD5308 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
REV. B
AD5308/AD5318/AD5328
–13–
VDD
These bits are set when VDD is to be used as reference.
The first group of DACs (A, B, C, and D) can be set
up to use VDD by setting Bit 0, and the second group of
DACs (E, F, G, and H) by setting Bit 1. The VDD bits
have priority over the BUF bits.
When VDD is used as the reference, it will always be
unbuffered and with an output range of 0 V to VREF,
regardless of the state of the GAIN and BUF bits.
LDAC Mode
LDAC mode controls LDAC, which determines when data is
transferred from the input registers to the DAC registers. There
are three options when updating the DAC registers, as shown in
Table III.
Table III.
LDAC Mode
Bit
Bit
Bit
Bits
Bit
Bit
15
14
13
12 .... 2
1
0
Description
10
1
x ..... x
0
0
LDAC Low
10
1
x ..... x
0
1
LDAC High
10
1
x ..... x
1
0
LDAC Single Update
10
1
x ..... x
1
1
Reserved
LDAC Low (00): This option sets LDAC permanently low,
allowing the DAC registers to be updated continuously.
LDAC High (01): This option sets LDAC permanently high.
The DAC registers are latched, and the input registers may
change without affecting the contents of the DAC registers.
This is the default option for this mode.
LDAC Single Update (10): This option causes a single pulse on
LDAC, updating the DAC registers once.
Reserved (11): Reserved.
Power-Down Mode
The individual channels of the AD5308/AD5318/AD5328 can
be powered down separately. The control mode for this is (10).
On completion of this write sequence, the channels that have
been set to 1 are powered down.
Table II. Control Words for the AD53x8
D/C Control Bits
15
14
13
12
11
10
98765
4
3
2
1
0
Mode
(GAIN Bits)(BUF Bits)(VDD Bits)Gain of Output Amplifier
10
0
xx
xxxxx
E..H
A..D
E..H
A..D
E..H
A..D
and Reference Selection
(
LDAC Bits)
10
1
xx
xxxxxx
x
x
x
1/0
1/0
LDAC
(Channels)
11
0
xx
xxxH
G
F
E
D
C
B
A
Power-Down
(RESET)
11
1
1/0
x
xxxxxx
x
x
x
x
x
Reset
Reset Mode
This mode consists of two possible reset functions, as outlined
in Table IV.
Table IV. Reset Mode
Bit
Bit
Bit
Bit
Bit
15
14
13
12
11 .... 0
Description
1
110
x .... x
DAC Data Reset
1
111
x .... x
Data and Control Reset
DAC Data Reset: On completion of this write sequence, all
DAC registers and input registers are filled with 0s.
Data and Control Reset: This function carries out a DAC data
reset and also resets all the control bits (GAIN, BUF, VDD,
LDAC, and power-down channels) to their power-on conditions.
Low Power Serial Interface
To minimize the power consumption of the device, the interface
powers up fully only when the device is being written to, i.e., on
the falling edge of
SYNC. The SCLK and DIN input buffers
are powered down on the rising edge of
SYNC.
LOAD DAC INPUT (
LDAC) FUNCTION
Access to the DAC registers is controlled by both the
LDAC
pin and the
LDAC mode bits. The operation of the LDAC
function can be likened to the configuration shown in Figure 9.
EXTERNAL
LDAC PIN
INTERNAL
LDAC MODE
LDAC FUNCTION
Figure 9.
LDAC Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com