Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5245BRJ50-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5245BRJ50-R2
Description  256-Position I2C Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJ50-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5245BRJ50-R2 Datasheet HTML 6Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 7Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 8Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 9Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 10Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5245
Rev. 0 | Page 10 of 16
TEST CIRCUITS
Figure 27 to Figure 35 illustrate the test circuits that define the
test conditions used in the product specification tables.
VMS
A
W
B
DUT
V+ = VDD
1LSB = V+/2N
V+
Figure 27. Test Circuit for Potentiometer Divider Nonlinearity Error (INL, DNL)
NO CONNECT
IW
VMS
A
W
B
DUT
Figure 28. Test Circuit for Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS1
IW = VDD/RNOMINAL
VMS2
VW
RW = [VMS1 – VMS2]/IW
A
W
B
DUT
Figure 29. Test Circuit for Wiper Resistance
∆V
∆V
∆V
∆VMS%
DD%
PSS (%/%) =
V+= VDD 10%
PSRR (dB) = 20 LOG
MS
DD
(
)
VDD
VA
VMS
A
W
B
V+
Figure 30. Test Circuit for Power Supply Sensitivity (PSS, PSSR)
OP279
W
5V
B
VOUT
OFFSET
GND
OFFSET
BIAS
A
DUT
VIN
Figure 31. Test Circuit for Inverting Gain
B
A
VIN
OP279
W
5V
VOUT
OFFSET
GND
OFFSET
BIAS
DUT
Figure 32. Test Circuit for Noninverting Gain
+15V
–15V
W
A
2.5V
B
VOUT
OFFSET
GND
DUT
AD8610
VIN
Figure 33. Test Circuit for Gain vs. Frequency
W
B
VSS TO VDD
DUT
ISW
CODE = 0x00
RSW =
0.1V
ISW
0.1V
Figure 34. Test Circuit for Incremental ON Resistance
W
B
VCM
ICM
A
NC
GND
NC
VSS
VDD DUT
NC = NO CONNECT
Figure 35. Test Circuit for Common-Mode Leakage current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com