Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP15313 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP15313
Description  CARMEN series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP15313 Datasheet(HTML) 1 Page - Cree, Inc

  CP15313 Datasheet HTML 1Page - Cree, Inc CP15313 Datasheet HTML 2Page - Cree, Inc CP15313 Datasheet HTML 3Page - Cree, Inc CP15313 Datasheet HTML 4Page - Cree, Inc CP15313 Datasheet HTML 5Page - Cree, Inc CP15313 Datasheet HTML 6Page - Cree, Inc CP15313 Datasheet HTML 7Page - Cree, Inc CP15313 Datasheet HTML 8Page - Cree, Inc CP15313 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT DATASHEET
CARMEN series
last update 3/3/2017
DETAILS
Product Number
CP15313_CARMEN-W-B
Family
CARMEN
Type
Assembly
Color
black
Diameter
69,5 mm
Height
36,26 mm
Style
round
Optic Material
PC,PMMA
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
3/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLU700/701
56 deg
Wide
86 %
1.100
BJB: 47.319.6060
CLL02x/CLU02x (LES10)
sim: 55
Wide
sim: 73 % sim: 0.960 -
CLL02x/CLU02x (LES10)
sim: 55
Wide
sim: 82 % sim: 1.200 BJB: 47.319.6060
CXA/B 13xx
57 deg
Wide
89 %
1.100
-
CXA/B 15xx
sim: 53
Wide
sim: 73 % sim: 0.969 -
COB D Series LES 9.8 mm
56 deg
Wide
82 %
1.040
BJB: 47.319.6060
COB D Series LES 9.8 mm
56 deg
Wide
82 %
1.040
A.A.G. STUCCHI: 8100/G2
MJT COB LES 6
55 deg
Wide
84 %
1.100
BJB: 47.319.6060
May 23rd 2017 4:45 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP15313

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP15313 LEDIL-CP15313 Datasheet
3Mb / 6P
~55째 wide beam.
More results

Similar Description - CP15313

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Cree, Inc
CP15212 CREE-CP15212 Datasheet
1Mb / 19P
CARMEN series
CP15215 CREE-CP15215 Datasheet
990Kb / 15P
CARMEN series
CP15774 CREE-CP15774 Datasheet
649Kb / 9P
CARMEN series
CP15775 CREE-CP15775 Datasheet
655Kb / 9P
CARMEN series
CP15776 CREE-CP15776 Datasheet
659Kb / 9P
CARMEN series
logo
Ledil, Inc.
C16058 LEDIL-C16058 Datasheet
1Mb / 3P
횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com