Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0731 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DBU0731
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0731 Datasheet(HTML) 2 Page - Integrated Device Technology

  9DBU0731 Datasheet HTML 1Page - Integrated Device Technology 9DBU0731 Datasheet HTML 2Page - Integrated Device Technology 9DBU0731 Datasheet HTML 3Page - Integrated Device Technology 9DBU0731 Datasheet HTML 4Page - Integrated Device Technology 9DBU0731 Datasheet HTML 5Page - Integrated Device Technology 9DBU0731 Datasheet HTML 6Page - Integrated Device Technology 9DBU0731 Datasheet HTML 7Page - Integrated Device Technology 9DBU0731 Datasheet HTML 8Page - Integrated Device Technology 9DBU0731 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
2
MARCH 8, 2017
9DBU0731 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
40 39 38 37 36 35 34 33 32 31
vSADR_tri 130 NC
vOE6# 229 vOE3#
DIF6 328 DIF3#
DIF6# 427 DIF3
VDDR1.5 526 VDDIO
CLK_IN 625 VDDO1.5
CLK_IN# 724 vOE2#
GNDDIG 823 DIF2#
SCLK_3.3 922 DIF2
SDATA_3.3 10
21 vOE1#
11 12 13 14 15 16 17 18 19 20
9DBU0731
ePad is GND
40-VFQFPN, 5mm x 5mm 0.4mm pin pitch
^ prefix indicates internal Pull-Up Resistor
v prefix indicates Internal Pull-Down Resistor
SADR
Address
0
1101011
M
1101100
1
1101101
x
State of SADR on first application of
CKPWRGD_PD#
+
Read/Write bit
x
x
True O/P Comp. O/P
0X
X
X
Low
Low
1
Running
0
X
Low
Low
1
Running
1
0
Running
Running
1
Running
1
1
Low
Low
CLK_IN
DIFx
OEx# Pin
CKPWRGD_PD#
SMBus
OEx bit
Pin Number
VDD
VDDIO
GND
541
Input
receiver
analog
11
8
Digital Power
16,25,31
12,17,26,32,
39
41
DIF
outputs,Logic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com