Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR2812D Datasheet(PDF) 7 Page - International Rectifier

Part # AMR2812D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2812D Datasheet(HTML) 7 Page - International Rectifier

  AMR2812D Datasheet HTML 1Page - International Rectifier AMR2812D Datasheet HTML 2Page - International Rectifier AMR2812D Datasheet HTML 3Page - International Rectifier AMR2812D Datasheet HTML 4Page - International Rectifier AMR2812D Datasheet HTML 5Page - International Rectifier AMR2812D Datasheet HTML 6Page - International Rectifier AMR2812D Datasheet HTML 7Page - International Rectifier AMR2812D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMR28XXD SERIES
(28V Input, Dual Output)
7
2016-06-29
Device Screening
Notes:
Best commercial practice.
Devices with ”/CH” suffix is a DLA class H compliant without radiation performance. No suffix is a radiation rated
device but not available as a DLA qualified SMD per MIL-PRF-38534.
Any Engineering Model (EM) build with the “EM” Suffix shall only be form, fit and functional equivalent to its
Flight Model (FM) counterpart, and it may not meet the radiation performance. The EM Model shall not be expected
comply with MIL-PRF-38534 flight quality/workmanship standards, and configuration control. An EM build may use
electrical equivalent commercial grade components. IR HiRel will provide a list of non-compliance items upon request.
Part Numbering
Requirement
MIL-STD-883 Method
No Suffix 
CH 
EM 
Temperature Range
—
-55°C to +125°C
-55°C to +125°C
-55°C to +85°C
Element Evaluation
MIL-PRF-38534
Class H
Class H
N/A
Non-Destructive Bond Pull
2023
N/A
N/A
N/A
Internal Visual
2017
Yes
Yes
Temperature Cycle
1010
Cond C
Cond C
Cond C
Constant Acceleration
2001, Y1 Axis
3000 Gs
3000 Gs
3000 Gs
PIND
2020
Cond A
Cond A
N/A
Burn-In
1015
320 hrs @ 125°C
(2 x 160 hrs)
320 hrs @ 125°C
(2 x 160 hrs)
48 hrs @ 125°C
Final Electrical
(Group A)
MIL-PRF-38534
& Specification
-55°C, +25°C,
+125°C
-55°C, +25°C,
+85°C
-55°C, +25°C,
+85°C
PDA
MIL-PRF-38534
2%
2%
N/A
Seal, Fine and Gross
1014
Cond A, C
Cond A, C
Cond A
Radiographic
2012
Yes
Yes
N/A
External Visual
2009
Yes
Yes
IR HiRel Headquarters: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
IR HiRel Leominster: 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
IR HiRel San Jose: 2520 Junction Avenue, San Jose, California 95134, USA Tel: (408) 434-5000
Data and specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com