Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR2815D Datasheet(PDF) 2 Page - International Rectifier

Part # AMR2815D
Description  HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMR2815D Datasheet(HTML) 2 Page - International Rectifier

  AMR2815D Datasheet HTML 1Page - International Rectifier AMR2815D Datasheet HTML 2Page - International Rectifier AMR2815D Datasheet HTML 3Page - International Rectifier AMR2815D Datasheet HTML 4Page - International Rectifier AMR2815D Datasheet HTML 5Page - International Rectifier AMR2815D Datasheet HTML 6Page - International Rectifier AMR2815D Datasheet HTML 7Page - International Rectifier AMR2815D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AMR28XXD SERIES
(28V Input, Dual Output)
2
2016-06-29
Specifications
Absolute Maximum Ratings
 
Recommended Operating Conditions   
Input Voltage range
-0.5VDC to +50VDC (Continuous), Input Voltage range
+16VDC to +40VDC
Soldering temperature
300°C for 10 seconds
Operating case temperature
-55°C to +125°C
Storage case temperature
-65°C to +135°C
80V (100ms)
Output power
Less than or equal to 30W
Static Characteristics -55°C ≤ TCASE ≤ +125°C, VIN = 28VDC ± 5%, CL= 0, unless otherwise specified.
For Notes to Specifications, refer to page 5
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Voltage
16
28
40
V
Output Voltage
AMR2805D
AMR2812D
AMR2815D
AMR2805D
AMR2812D
AMR2815D
1
1
1
2, 3
2, 3
2, 3
IOUT = 0
±4.95
±11.88
±14.85
±4.90
±11.70
±14.70
±5.00
±12.00
±15.00
±5.05
±12.12
±15.15
±5.10
±12.30
±15.30
V
Output Current 1, 2
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40 Volts
600
250
200
5400
2250
1800
mA
Output Power
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
100% load
30
30
30
W
Output Ripple Voltage 3
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40 Volts
BW = 20 Hz to 2 MHz
60
85
85
mVPP
Output Voltage Regulation 4
Line
AMR2805D
AMR2812D
AMR2815D
Load
AMR2805D
AMR2812D
AMR2815D
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 16, 28, 40 Volts
IOUT = 0, 50%, and 100% load
±10
±30
±40
±10
±50
±50
±30
±75
±75
±50
±120
±150
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com