Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL02 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLL02
Description  Ronda series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLL02 Datasheet(HTML) 1 Page - Cree, Inc

  CLL02 Datasheet HTML 1Page - Cree, Inc CLL02 Datasheet HTML 2Page - Cree, Inc CLL02 Datasheet HTML 3Page - Cree, Inc CLL02 Datasheet HTML 4Page - Cree, Inc CLL02 Datasheet HTML 5Page - Cree, Inc CLL02 Datasheet HTML 6Page - Cree, Inc CLL02 Datasheet HTML 7Page - Cree, Inc CLL02 Datasheet HTML 8Page - Cree, Inc CLL02 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Ronda series
last update 26/1/2017
DETAILS
Product Number
FCN15366_RONDA-ZT45
Family
Ronda
Type
Assembly
Color
white
Diameter
69,9 mm
Height
20,66 mm
Style
round
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Comliant
Yes
Date Updated
26/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
Asymmetric degAsymmetric 89 %
0.420
LEDiL: LEDiL
V10 Gen6
sim: AsymmetricAsymmetric sim: 86 % -
Bender Wirth: 455 Typ L1
V10 Gen7
Asymmetric degAsymmetric 88 %
0.600
Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 86 % sim: 0.440 Bender Wirth: 477 Typ L1
CLL02x/CLU02x (LES10)
sim: AsymmetricAsymmetric sim: 86 % -
Bender Wirth: 434 Typ L1
CLU710/711
sim: AsymmetricAsymmetric sim: 87 % -
Bender Wirth: 470 Typ L1
CLU700/701
sim: AsymmetricAsymmetric sim: 87 % -
Bender Wirth: 434 Typ L1
CXA/B 13xx
sim: AsymmetricAsymmetric sim: 88 % -
Bender Wirth: 448 Typ L1
CXA/B 15xx
sim: AsymmetricAsymmetric sim: 87 % -
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 sim: AsymmetricAsymmetric sim: 87 % -
Bender Wirth: 437 Typ L1
LUXEON CoB 1202s
sim: AsymmetricAsymmetric sim: 87 % -
Bender Wirth: 452 Typ L1
Duris S10
sim: AsymmetricAsymmetric sim: 87 % -
LEDiL: LEDiL
Mini Zenigata (GW6BM)
sim: AsymmetricAsymmetric sim: 86 % -
Bender Wirth: 452 Typ L1
May 23rd 2017 4:58 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CLL02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLL02 CREE-CLL02 Datasheet
1Mb / 9P
Ronda series
logo
CITIZEN ELECTRONICS CO....
CLL020-1202A5-273H1A7 CITIZEN-CLL020-1202A5-273H1A7 Datasheet
606Kb / 12P
External Dimensions 13.5 x 13.5 x 1.4 Internal Structu Aluminum Base Chip on Board
CLL020-1203A5-273H1A7 CITIZEN-CLL020-1203A5-273H1A7 Datasheet
606Kb / 12P
Applied to the LED package
CLL020-1204A5-273H1A7 CITIZEN-CLL020-1204A5-273H1A7 Datasheet
633Kb / 12P
Applied to the LED package
CLL022-1202A5-273H3D2 CITIZEN-CLL022-1202A5-273H3D2 Datasheet
368Kb / 12P
This data sheet is applied to the LED package
More results

Similar Description - CLL02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15314 CREE-FCN15314 Datasheet
1Mb / 9P
Ronda series
FCN15316 CREE-FCN15316 Datasheet
1Mb / 9P
Ronda series
FCN15740 CREE-FCN15740 Datasheet
1Mb / 5P
Ronda series
FCN15357 CREE-FCN15357 Datasheet
1Mb / 13P
Ronda series
FN15731 CREE-FN15731 Datasheet
1Mb / 9P
Ronda series
FN15733 CREE-FN15733 Datasheet
1Mb / 9P
Ronda series
FN15734 CREE-FN15734 Datasheet
1Mb / 7P
Ronda series
FN15738 CREE-FN15738 Datasheet
1Mb / 7P
Ronda series
FCN15209 CREE-FCN15209 Datasheet
1Mb / 7P
Ronda series
FCN15302 CREE-FCN15302 Datasheet
1Mb / 5P
Ronda series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com