Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3071N Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3071N
Description  COMBO II Programmable PCM CODEC/Filter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3071N Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button TP3071N Datasheet HTML 14Page - National Semiconductor (TI) TP3071N Datasheet HTML 15Page - National Semiconductor (TI) TP3071N Datasheet HTML 16Page - National Semiconductor (TI) TP3071N Datasheet HTML 17Page - National Semiconductor (TI) TP3071N Datasheet HTML 18Page - National Semiconductor (TI) TP3071N Datasheet HTML 19Page - National Semiconductor (TI) TP3071N Datasheet HTML 20Page - National Semiconductor (TI) TP3071N Datasheet HTML 21Page - National Semiconductor (TI) TP3071N Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C (−40˚C to +85˚C for TP3070-X) by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI =
0 dBm0, D
R0orDR1 = 0 dBm0 PCM code. Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB
gain), hybrid balance filter disabled. All other limits are assured by correlation with other production tests and/or product de-
sign and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
G
XAT
Transmit Gain
Measured Relative to G
XA,VCC = 5V,
Variation with
V
BB = −5V,
−0.1
0.1
dB
Temperature
Minimum gain < G
X < Maximum Gain
−40˚C to +85˚C (TP3070-X)
−0.15
0.15
dB
G
XAL
Transmit Gain
Sinusoidal Test Method.
Variation with Signal
Reference Level = 0 dBm0.
Level
VF
XI = −40 dBm0 to +3 dBm0
−0.2
0.2
dB
VF
XI = −50 dBm0 to −40 dBm0
−0.4
0.4
dB
VF
XI = −55 dBm0 to −50 dBm0
−1.2
1.2
dB
G
RA
Receive Gain
Receive Gain Programmed for Maximum
Absolute Accuracy
0 dBm0 Test Level (All 1’s in
Gain Register). Apply 0 dBm0 PCM Code
to D
R0orDR1. Measure VFRO.
T
A = 25˚C
−0.15
0.15
dB
G
RAG
Receive Gain
T
A = 25˚C, VCC = 5V, VBB = −5V
Variation with
Programmed Gain from 0 dB to 19 dB
Programmed Gain
(0 dBm0 Levels of 1.964 Vrms to
0.220 Vrms)
−0.1
0.1
dB
Programmed Gain from 19.1 dB to 25.4 dB
(0 dBm0 Levels of 0.218 Vrms to
0.105 Vrms)
−0.3
0.3
dB
Note: ±0.1 dB min/max is available as a selected
part.
G
RAT
Receive Gain
Measured Relative to G
RA.
Variation with Temperature
V
CC = 5V, VBB = −5V.
−0.1
0.1
dB
Minimum Gain < G
R < Maximum Gain
−40˚C to +85˚C (TP3070-X)
−0.15
0.15
dB
G
RAF
Receive Gain
Relative to 1015.625 Hz, (Note 15)
Variation with Frequency
D
R0orDR1 = 0 dBm0 code.
Minimum Gain < G
R < Maximum Gain
f = 200 Hz
−0.25
0.15
dB
f = 300 Hz to 3000 Hz
−0.15
0.15
dB
f = 3400 Hz
−0.7
0.0
dB
f = 4000 Hz
−14
dB
G
R = 0 dB, DR0 = 0 dBm0 Code,
G
X = 0 dB (Note 15)
f = 296.875 Hz
−0.15
0.15
dB
f = 1875.00 Hz
−0.15
0.15
dB
f = 2906.25 Hz
−0.15
0.15
dB
f = 2984.375 Hz
−0.15
0.15
dB
f = 3406.250 Hz
−0.74
0.0
dB
f = 3984.375 Hz
−13.5
dB
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com